Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP338-6-Y2 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # MKP338-6-Y2
Description  Interference Suppression Film Capacitor - Class Y2 Radial MKP 300 VAC - Line to Ground Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP338-6-Y2 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button MKP338-6-Y2 Datasheet HTML 7Page - Vishay Siliconix MKP338-6-Y2 Datasheet HTML 8Page - Vishay Siliconix MKP338-6-Y2 Datasheet HTML 9Page - Vishay Siliconix MKP338-6-Y2 Datasheet HTML 10Page - Vishay Siliconix MKP338-6-Y2 Datasheet HTML 11Page - Vishay Siliconix MKP338-6-Y2 Datasheet HTML 12Page - Vishay Siliconix MKP338-6-Y2 Datasheet HTML 13Page - Vishay Siliconix MKP338-6-Y2 Datasheet HTML 14Page - Vishay Siliconix MKP338-6-Y2 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MKP338 6 Y2
www.vishay.com
Vishay BCcomponents
Revision: 10-Dec-13
12
Document Number: 28114
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C1 COMBINED SAMPLE OF
SPECIMENS OF SUB-GROUPS C1A AND
C1B
4.11
Climatic sequence
4.11.1 Initial measurements
Capacitance
Measured in 4.4.2 and 4.9.2
Tangent of loss angle:
Measured initially in C1A and C1B
4.11.2 Dry heat
Temperature: 105 °C
Duration: 16 h
4.11.3 Damp heat cyclic
Test Db
First cycle
4.11.4 Cold
Temperature: - 55 °C
Duration: 2 h
4.11.5 Damp heat cyclic
Test Db
remaining cycles
4.11.6 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % of the value measured in 4.11.1.
Tangent of loss angle
Increase of tan
 0.008
Compared to values measured in 4.11.1
Voltage proof
2250 VDC; 1 min between terminations
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C2
4.12
Damp heat steady state
56 days, 40 °C, 90 % to 95 % RH, no load
Capacitance
4.12.1 Initial measurements
Tangent of loss angle at 1 kHz
4.12.3 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % of the value measured in 4.12.1.
Tangent of loss angle
Increase of tan
 0.007
Compared to values measured in 4.12.1.
Voltage proof
2250 VDC; 1 min between terminations
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Similar Part No. - MKP338-6-Y2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
MKP3381X1 VISHAY-MKP3381X1_08 Datasheet
136Kb / 13P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Oct-08
logo
List of Unclassifed Man...
MKP3382 ETC2-MKP3382 Datasheet
456Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3382X2 VISHAY-MKP3382X2 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Similar Description - MKP338-6-Y2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
Revision: 13-Dec-13
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com