Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD1754HFN Datasheet(PDF) 8 Page - Rohm

Part # BD1754HFN
Description  Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN Datasheet(HTML) 8 Page - Rohm

Back Button BD1754HFN Datasheet HTML 4Page - Rohm BD1754HFN Datasheet HTML 5Page - Rohm BD1754HFN Datasheet HTML 6Page - Rohm BD1754HFN Datasheet HTML 7Page - Rohm BD1754HFN Datasheet HTML 8Page - Rohm BD1754HFN Datasheet HTML 9Page - Rohm BD1754HFN Datasheet HTML 10Page - Rohm BD1754HFN Datasheet HTML 11Page - Rohm BD1754HFN Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8/16
BD1754HFN
Datasheet
TSZ02201-0G3G0C200060-1-2
9.NOV.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
(2) Current Driver
The MAX Current is determined by the ISET resistance and the following formula.
ILED-max [mA] = 6.4 x 600 [mV] / RISET [kΩ]
The LED current state can be changed by the EN control signal. When the state is Cn, the output current (ILED) can be
obtained from the following formula (where, n indicates a state number).
ILED [mA] = ILED-max x n / 64
The following table is the example of LED current, when ISET resistance is 120 [k
Ω].
RISET : 120[kΩ]
State
Output current
[mA]
State
Output current
[mA]
State
Output current
[mA]
State
Output current
[mA]
C64
32.0
C48
24.0
C32
16.0
C16
8.0
C63
31.5
C47
23.5
C31
15.5
C15
7.5
C62
31.0
C46
23.0
C30
15.0
C14
7.0
C61
30.5
C45
22.5
C29
14.5
C13
6.5
C60
30.0
C44
22.0
C28
14.0
C12
6.0
C59
29.5
C43
21.5
C27
13.5
C11
5.5
C58
29.0
C42
21.0
C26
13.0
C10
5.0
C57
28.5
C41
20.5
C25
12.5
C9
4.5
C56
28.0
C40
20.0
C24
12.0
C8
4.0
C55
27.5
C39
19.5
C23
11.5
C7
3.5
C54
27.0
C38
19.0
C22
11.0
C6
3.0
C53
26.5
C37
18.5
C21
10.5
C5
2.5
C52
26.0
C36
18.0
C20
10.0
C4
2.0
C51
25.5
C35
17.5
C19
9.5
C3
1.5
C50
25.0
C34
17.0
C18
9.0
C2
1.0
C49
24.5
C33
16.5
C17
8.5
C1
0.5
When the state is C64 (the maximum value), the output current value can be changed on the ISET resistance value as below.
State : C64
ISET resistance value (k
Ω)
Output current per channel (mA)
Total output current of the four
channels (mA)
240
16.0
64.0
120
32.0
128.0
90
42.7
170.8
60
64.0
256.0


Similar Part No. - BD1754HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN Datasheet
331Kb / 12P
   Constant Current Backlight Driver for LCD Panels (Non-step-up Type)
BD1754HFN ROHM-BD1754HFN Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
BD1754HFN ROHM-BD1754HFN Datasheet
1Mb / 21P
   Constant Current LED Driver
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
1Mb / 21P
   Constant Current LED Driver
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results

Similar Description - BD1754HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4002B ONSEMI-CAT4002B Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com