Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW65 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BCW65
Description  SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCW65 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BCW65 Datasheet HTML 1Page - List of Unclassifed Manufacturers BCW65 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 - AUGUST 1995
PARTMARKING DETAILS –
BCW65A – EA
BCW65AR – 4V
BCW65B – EB
BCW65BR – 5V
BCW65C – EC
BCW65CR – 6V
BCW66F – EF
BCW66FR – 7P
BCW66G – EG
BCW66GR – 5T
BCW66H – EH
BCW66HR – 7M
COMPLEMENTARY TYPES –
BCW65 – BCW67
BCW66 – BCW68
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BCW65
BCW66
UNIT
Collector-Base Voltage
VCBO
60
75
V
Collector-Emitter Voltage
VCEO
32
45
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
800
mA
Peak Collector Current(10ms)
ICM
1000
mA
Base Current
IB
100
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
BCW65
BCW66
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP.
MAX. UNIT CONDITIONS.
Collector-Emitter
Breakdown Voltage
BCW65
BCW66
V(BR)CEO 32
45
VICEO=10mA
ICEO=10mA
BCW65
BCW66
V(BR)CES 60
75
V
IC=10µA
IC=10µA
Emitter-Base Breakdown Voltage
V(BR)EBO 5V
IEBO=10µA
Collector-Emitter
Cut-off Current
BCW65
BCW66
ICES
20
20
20
20
nA
µ
A
nA
µ
A
VCES= 32V
VCES= 32V,Tamb=150oC
VCES= 45V
VCES= 45V ,Tamb=150oC
Emitter-Base Cut-Off Current
IEBO
20
nA VEBO=4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
0.7
V
V
IC=100mA, IB=10mA
IC=500mA, IB=50mA*
Base-Emitter Saturation Voltage
VBE(SAT)
2
V
IC=500mA, IB=50mA*
Static
Forward
Current
Transfer
BCW65A
BCW66F
hFE
35
75
100
35
160
250
IC=100µA, VCE=10V
IC= 10mA, VCE= 1V
IC=100mA, VCE= 1V*
IC=500mA, VCE= 2V*
BCW65B
BCW66G
hFE
50
110
160
60
250
400
IC=100µA, VCE=10V
IC= 10mA, VCE= 1V
IC=100mA, VCE= 1V*
IC=500mA, VCE= 2V*
BCW65C
BCW66H
hFE
80
180
250
100
350
630
IC=100µA, VCE=10V
IC= 10mA, VCE= 1V
IC=100mA, VCE= 1V*
IC=500mA, VCE= 2V*
Transition Frequency
fT
100
MHz IC =20mA, VCE=10V
f = 100MHz
Collector-Base Capacitance
Ccbo
8
12
pF
VCBO=10V, f =1MHz
Emitter-Base Capacitance
Cebo
80
pF
VEBO=0.5V, f =1MHz
Noise Figure
N
2
10
dB IC= 0.2mA, VCE= 5V
RG =1kΩ
Switching times:
Turn-On Time
Turn-Off Time
ton
toff
100
400
ns
ns
IC=150mA
IB1=- IB2=15mA
RL=150Ω
Spice parameter data is available upon request for this device
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
C
B
E
SOT23
BCW65
BCW66
3 - 28
3 - 27


Similar Part No. - BCW65

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCW65 DIOTEC-BCW65 Datasheet
181Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Galaxy Semi-Conductor H...
BCW65 BILIN-BCW65 Datasheet
216Kb / 4P
   NPN General Purpose Amplifier
logo
Guangdong Kexin Industr...
BCW65 KEXIN-BCW65 Datasheet
42Kb / 2P
   NPN General Purpose Transistors
More results

Similar Description - BCW65

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCW65 DIODES-BCW65 Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
BC817 ZETEX-BC817_06 Datasheet
278Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
BSS66 ETC-BSS66 Datasheet
34Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS66 ZETEX-BSS66 Datasheet
36Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMT495 DIODES-FMMT495 Datasheet
127Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM
FMMTA56 DIODES-FMMTA56_15 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com