Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0051701VCA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5962R0051701VCA
Description  MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5962R0051701VCA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5962R0051701VCA Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962R0051701VCA Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962R0051701VCA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962R0051701VCA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962R0051701VCA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962R0051701VCA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962R0051701VCA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R0051701VCA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R0051701VCA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-00517
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
G
SHEET
3
DSCC FORM 2234
APR 97
1.3 Absolute maximum ratings. 1/
Supply voltage ............................................................................................. ±18 V
Power dissipation ........................................................................................ 500 mW
Differential input voltage .............................................................................. ±0.6 V
Input voltage ................................................................................................ ±18 V
Output short-circuit duration ........................................................................ Indefinite
Storage temperature range ......................................................................... -65°C to +150°C
Lead temperature (soldering, 60 seconds) .................................................. +300°C
Junction temperature (TJ) ........................................................................... -65°C to +150°C
Thermal resistance, junction-to-case (
θJC) ................................................. See MIL-STD-1835
Thermal resistance, junction-to-ambient (
θJA):
Case C ..................................................................................................... 108°C/W
Case D ..................................................................................................... 160°C/W
1.4 Recommended operating conditions.
Supply voltage (VS) ..................................................................................... -15 V to +15 V
Operating temperature range (TA) .............................................................. -55°C to +125°C
1.5 Radiation features:
Maximum total dose available (dose rate = 50 – 300 rads(Si)/s):
Device type 01 ......................................................................................... 100 krads(Si) 2/
Maximum total dose available (dose rate
≤ 10 mrads(Si)/s):
Device type 02 ......................................................................................... 50 krads(Si) 3/
2. APPLICABLE DOCUMENTS
2.1 Government specification, standards, and handbooks. The following specification, standards, and handbooks form a part
of this drawing to the extent specified herein. Unless otherwise specified, the issues of these documents are those cited in the
solicitation or contract.
DEPARTMENT OF DEFENSE SPECIFICATION
MIL-PRF-38535 - Integrated Circuits, Manufacturing, General Specification for.
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-883
-
Test Method Standard Microcircuits.
MIL-STD-1835 -
Interface Standard Electronic Component Case Outlines.
DEPARTMENT OF DEFENSE HANDBOOKS
MIL-HDBK-103 -
List of Standard Microcircuit Drawings.
MIL-HDBK-780 -
Standard Microcircuit Drawings.
(Copies of these documents are available online at http://quicksearch.dla.mil or from the Standardization Document Order
Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094.)
_____
1/ Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the
maximum levels may degrade performance and affect reliability.
2/ Device type 01 may be dose rate sensitive in space environment and may demonstrate enhanced low dose rate effects.
Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified in MIL-STD-883,
method 1019, condition A.
3/ For device type 02, radiation end point limits for the noted parameters are guaranteed for the conditions specified in
MIL-STD-883, method 1019, condition D.


Similar Part No. - 5962R0051701VCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results

Similar Description - 5962R0051701VCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6220M SANYO-LA6220M Datasheet
138Kb / 6P
   Monolithic Linear IC Rail-to-Rail Dual Operational Amplifier
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
   Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com