Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962L9683903VHA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 5962L9683903VHA
Description  MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5962L9683903VHA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  5962L9683903VHA Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962L9683903VHA Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962L9683903VHA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962L9683903VHA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962L9683903VHA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962L9683903VHA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962L9683903VHA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962L9683903VHA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962L9683903VHA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-96839
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
5
DSCC FORM 2234
APR 97
3.3 Electrical performance characteristics and postirradiation parameter limits. Unless otherwise specified herein, the
electrical performance characteristics and postirradiation parameter limits are as specified in table I and shall apply over the full
ambient operating temperature range.
3.4 Electrical test requirements. The electrical test requirements shall be the subgroups specified in table IIA. The electrical
tests for each subgroup are defined in table I.
3.5 Marking. The part shall be marked with the PIN listed in 1.2 herein. In addition, the manufacturer's PIN may also be
marked. For packages where marking of the entire SMD PIN is not feasible due to space limitations, the manufacturer has the
option of not marking the "5962-" on the device. For RHA product using this option, the RHA designator shall still be marked.
Marking for device classes Q and V shall be in accordance with MIL-PRF-38535. Marking for device class M shall be in
accordance with MIL-PRF-38535, appendix A.
3.5.1 Certification/compliance mark. The certification mark for device classes Q and V shall be a "QML" or "Q" as required in
MIL-PRF-38535. The compliance mark for device class M shall be a "C" as required in MIL-PRF-38535, appendix A.
3.6 Certificate of compliance. For device classes Q and V, a certificate of compliance shall be required from a QML-38535
listed manufacturer in order to supply to the requirements of this drawing (see 6.6.1 herein). For device class M, a certificate of
compliance shall be required from a manufacturer in order to be listed as an approved source of supply in MIL-HDBK-103 (see
6.6.2 herein). The certificate of compliance submitted to DLA Land and Maritime-VA prior to listing as an approved source of
supply for this drawing shall affirm that the manufacturer's product meets, for device classes Q and V, the requirements of
MIL-PRF-38535 and herein or for device class M, the requirements of MIL-PRF-38535, appendix A and herein.
3.7 Certificate of conformance. A certificate of conformance as required for device classes Q and V in MIL-PRF-38535 or for
device class M in MIL-PRF-38535, appendix A shall be provided with each lot of microcircuits delivered to this drawing.
3.8 Notification of change for device class M. For device class M, notification to DLA Land and Maritime -VA of change of
product (see 6.2 herein) involving devices acquired to this drawing is required for any change that affects this drawing.
3.9 Verification and review for device class M. For device class M, DLA Land and Maritime, DLA Land and Maritime’s agent,
and the acquiring activity retain the option to review the manufacturer's facility and applicable required documentation. Offshore
documentation shall be made available onshore at the option of the reviewer.
3.10 Microcircuit group assignment for device class M. Device class M devices covered by this drawing shall be in
microcircuit group number 49 (see MIL-PRF-38535, appendix A).


Similar Part No. - 5962L9683903VHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962L9468003VHA ETC2-5962L9468003VHA Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Texas Instruments
5962L9583401VFA TI1-5962L9583401VFA Datasheet
722Kb / 19P
[Old version datasheet]   DS90C032QML LVDS Quad CMOS Differential Line Receiver
5962L9583401VZA TI1-5962L9583401VZA Datasheet
722Kb / 19P
[Old version datasheet]   DS90C032QML LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
5962L9950401VCA NSC-5962L9950401VCA Datasheet
887Kb / 27P
   Low Power Quad Operational Amplifiers
5962L9950401VDA NSC-5962L9950401VDA Datasheet
887Kb / 27P
   Low Power Quad Operational Amplifiers
More results

Similar Description - 5962L9683903VHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com