Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTW001A3B Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # SSTW001A3B
Description  36-75Vdc Input; 12Vdc, 1.3A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW001A3B Datasheet(HTML) 1 Page - Lineage Power Corporation

  SSTW001A3B Datasheet HTML 1Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 2Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 3Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 4Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 5Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 6Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 7Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 8Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
GE
Data Sheet
March 26, 2013
©2012 General Electric Company. All rights reserved.
Page 1
SSTW001A3B Barracuda™ Series; DC-DC Converter Power Modules
36-75Vdc Input; 12Vdc, 1.3A, 15W Output
Features
Compliant to RoHS II EU “Directive 2011/65/EU (-Z versions)
Compliant to REACH Directive (EC) No 1907/2006
Ultra-wide Input Voltage Range, 36Vdc to 75Vdc
No minimum load
High efficiency – 87.5% at full load (VIN=48Vdc)
Constant switching frequency
Low output ripple and noise
Small Size and low profile, follows industry standard 1x1
footprint
27.9mm x 24.4mm x 8.5mm (MAX)
(1.10 x 0.96 x 0.335 in)
Surface mount (SMT) or Through hole (TH)
Reflow process compliant, both SMT and TH versions
Positive Remote On/Off logic
Output overcurrent/voltage protection (hiccup)
Over-temperature protection
Output Voltage adjust: 90% to 110% of Vo,nom
Wide operating temperature range (-40°C to 85°C)
UL*Recognized to UL60950-1, CAN/CSA† C22.2 No.60950-1,
and EN60950-1(VDE ‡ 0805-1) Licensed
CE mark meets 2006/95/EC directive§
Meets the voltage and current requirements for ETSI 300-
132-2 and complies with and licensed for Basic insulation
rating per EN60950-1
2250 Vdc Isolation tested in compliance with IEEE 802.3¤
PoE standards
ISO** 9001 and ISO 14001 certified manufacturing facilities
Applications
Wireless Networks
Hybrid power architectures
Optical and Access Network Equipment
Enterprise Networks including Power over Ethernet (PoE)
Industrial markets
Options
Negative Remote On/Off logic
Surface Mount/Tape and Reel (-SR Suffix)
Description
The SSTW001A3B Barracuda™ series power modules are isolated dc-dc converters that operate over an ultra-wide input voltage
range of 36Vdc -75Vdc and provide a single precisely regulated output voltage at 12Vdc. This series is a low cost, smaller size
alternative to the existing LW/LAW/LC/SC/SW with enhanced performance parameters. The output is fully isolated from the input,
allowing versatile polarity configurations and grounding connections. The modules exhibit high efficiency of 87.5% typical at full
load. Built-in filtering for both input and output minimizes the need for external filtering. The module is fully self-protected with
output over-current and over-voltage, over-temperature and input under voltage shutdown control. Optional features include
negative or positive on/off logic and SMT connections.
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-user equipment . All of the required procedures of end-use equipment should be followed.
¤ IEEE and 802 are registered trademarks of the Institute of Electrical and Electronics Engineers, Incorporated.
** ISO is a registered trademark of the International Organization of Standards.
RoHS Compliant


Similar Part No. - SSTW001A3B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41Z LINEAGEPOWER-SSTW003A0A41Z Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW005A0F41SRZ LINEAGEPOWER-SSTW005A0F41SRZ Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
More results

Similar Description - SSTW001A3B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com