Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTW001A3B Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # SSTW001A3B
Description  36-75Vdc Input; 12Vdc, 1.3A, 15W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SSTW001A3B Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button SSTW001A3B Datasheet HTML 4Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 5Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 6Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 7Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 8Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 9Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 10Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 11Page - Lineage Power Corporation SSTW001A3B Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
G
S
3
M
F
F
T
T
a
T
F
to
R
R
T
T
e
to
C
p
r
r
T
m
t
te
c
c
te
m
c
te
r
fa
GE
SSTW001
36-75Vdc In
March 26, 2013
Feature De
Vin+
ON/OFF
Vin-
Figure 12. Circu
The SSTW powe
Therefore, as th
available outpu
Trim Examples
For SSTW005A0
o 11.9V:
 down
adj
R
9
down
adj
R
Thermal Co
The power mod
environments; h
o help ensure r
Considerations
power dissipati
eduction in the
esult in an incr
The thermal da
measurements
hermo-couple
emperatures: F
ceramic capaci
conductors, wh
emperature. Fo
module output
components re
emperature, as
epeated for a d
amily of modu
1A3B Ba
nput; 12Vd
escriptions
Vout+
TRIM
Vout-
uit Configurat
er modules hav
he output volta
ut power is redu
s
0, nominal 5.0V
0
.
12
(
5
.
2
9
.
11
(
890
,
934
onsideratio
dules operate i
however, suffic
reliable operat
include ambie
on, and the ne
e operating tem
rease in reliabi
ta presented h
taken in a win
instrumentatio
FETs, diodes, co
itors, opto-isola
hile controlling
or a given airflo
power is incre
aches its maxi
s defined in IPC
different airflow
le output derat
rracuda
c, 1.3A, 15W
©
(continued)
Radj-up
tion to Increas
ve a fixed curre
age is adjusted
uced.
V module. To tr
)
9
.
11
10000
)
5
ons
n a variety of t
cient cooling sh
tion.
ent temperatur
eed for increase
mperature of th
lity.
here is based o
nd tunnel, using
on to monitor k
ontrol ICs, mag
ators, and mod
the ambient a
ow and ambie
ased, until one
mum derated
C-9592A. This p
w or ambient t
ting curves is o
™ Series
W Output
©2012 General E
RLOAD
se Output Volta
ent-limit set po
down, the
rim module do
 5110
hermal
hould be provid
re, airflow, mod
ed reliability. A
he module will
n physical
g automated
key componen
gnetic cores,
dule pwb
irflow rate and
nt temperature
e (or more) of th
operating
procedure is th
temperature un
obtained.
s; DC-DC
lectric Company
age.
oint.
own
ded
dule
nt
d
e, the
he
hen
ntil a
Figu
Figure
SSTW
Direct
The t
show
shou
Figu
C Convert
y. All rights reserv
re 13. Therma
LOCAL A
e 14. Output C
003A0A in the
tion from Vin(-
thermal refere
wn in Figure 31
uld not exceed
re 15. Tref Tem
ter Powe
ved.
al Test Setup .
AMBIENT TEMP
Current Deratin
e Transverse O
-) to Vin(+); Vin
nce point, Tref
1. For reliable o
112oC.
mperature Mea
Data She
er Modul
PERATURE, TA (
ng for the Ope
Orientation; Air
n = 48V.
used in the spe
operation this t
asurement Lo
eet
les
Page
C)
en Frame
rflow
ecifications is
temperature
ocation.
e 8


Similar Part No. - SSTW001A3B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41SRZ LINEAGEPOWER-SSTW003A0A41SRZ Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW003A0A41Z LINEAGEPOWER-SSTW003A0A41Z Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW005A0F41SRZ LINEAGEPOWER-SSTW005A0F41SRZ Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
More results

Similar Description - SSTW001A3B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com