Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIM400K6Z Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # PIM400K6Z
Description  -36 to -75 Vdc; 400W/10A
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

PIM400K6Z Datasheet(HTML) 3 Page - Lineage Power Corporation

  PIM400K6Z Datasheet HTML 1Page - Lineage Power Corporation PIM400K6Z Datasheet HTML 2Page - Lineage Power Corporation PIM400K6Z Datasheet HTML 3Page - Lineage Power Corporation PIM400K6Z Datasheet HTML 4Page - Lineage Power Corporation PIM400K6Z Datasheet HTML 5Page - Lineage Power Corporation PIM400K6Z Datasheet HTML 6Page - Lineage Power Corporation PIM400K6Z Datasheet HTML 7Page - Lineage Power Corporation PIM400K6Z Datasheet HTML 8Page - Lineage Power Corporation PIM400K6Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GE
Data Sheet
PIM400 Series; ATCA Board Power Input Modules
-36 to -75 Vdc; 400W/10A
June 20, 2013
©2013 General Electric Company. All rights reserved.
Page 3
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
Continuous
All
VI
-0.5
-75
Vdc
Transient (Pulse duration = 1ms, square wave)
All
Vtr
-100
Vdc
Additionally: Transient Input Undervoltage,
Overvoltage and Impulse per ANSI T1.315-2001(R2006)
All
Reverse Polarity Protection
+75V
Vdc
Holdup Capacitor Voltage
Voltage (with respect to -48V_OUT)
All
V_HLDP
100
Vdc
Capacitance
All
C_HLDP
3300
F
Temperature
Normal Operating Ambient Temperature
(See Thermal Considerations section)
All
TA
-40
85
o
C
Storage Temperature
All
Tstg
-55
125
o
C
Isolation Voltage
Input to MGMT_PWR Output Voltage & Alarm
All
2250
Vdc
Input to SHELF_GND Voltage
All
2250
Vdc
Input to LOGIC_GND Voltage
All
2250
Vdc
CAUTION: This power module is not internally fused. Both A & B feeds and their corresponding returns must be
individually fused.
To preserve maximum flexibility, internal fusing is not included. However, to achieve maximum safety and system protection, the
safety agencies require a fast-acting fuse with a maximum rating of 20 Amps and Voltage Rating >/= 75Vdc for the –48AF, -48BF
VRTN_AF & VRTN_BF feeds. Consult Fusing and fault protection Section of PICMG 3.0 ATCA specifications for additional information.
Based on the information provided in this data sheet on inrush current and maximum dc input current, the same type of fuse with a
lower rating can be used. Refer to the fuse manufacturer’s data sheet for further information.


Similar Part No. - PIM400K6Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PIM453 ETC-PIM453 Datasheet
247Kb / 3P
   PMW3901 Optical Flow Sensor Breakout
More results

Similar Description - PIM400K6Z

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com