Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG103FA-AKTTT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REG103FA-AKTTT
Description  DMOS 500mA Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG103FA-AKTTT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button REG103FA-AKTTT Datasheet HTML 6Page - Burr-Brown (TI) REG103FA-AKTTT Datasheet HTML 7Page - Burr-Brown (TI) REG103FA-AKTTT Datasheet HTML 8Page - Burr-Brown (TI) REG103FA-AKTTT Datasheet HTML 9Page - Burr-Brown (TI) REG103FA-AKTTT Datasheet HTML 10Page - Burr-Brown (TI) REG103FA-AKTTT Datasheet HTML 11Page - Burr-Brown (TI) REG103FA-AKTTT Datasheet HTML 12Page - Burr-Brown (TI) REG103FA-AKTTT Datasheet HTML 13Page - Burr-Brown (TI) REG103FA-AKTTT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
REG103
10
SBVS010B
0
2
4
6
8
10
12
14
16
100
10
1
0.1
0.01
0.001
Enable Voltage
FIGURE 5. ENABLE Pin Current versus Applied Voltage.
REG103
ERROR
+5V
10k
Pull-up
3
ENABLE
SO-8 Package
Only
6
Open
Drain
µP
FIGURE 6. ERROR Pin Typical Fault-Monitoring Circuit.
ENABLE
The ENABLE pin allows the regulator to be turned on and
off. This pin is active HIGH and compatible with standard
TTL-CMOS levels. Inputs below 0.5V (max) turn the regu-
lator off and all circuitry is disabled. Under this condition,
ground pin current drops to approximately 0.5
µA. When not
used, the ENABLE pin may be connected to VIN.
Internal to the part, the ENABLE pin is connected to an
input resistor-zener diode circuit, as shown in Figure 4,
creating a nonlinear input impedance. The ENABLE Pin
Current versus Applied Voltage relationship is shown in
Figure 5. When the ENABLE pin is connected to a voltage
greater than 10V, a series resistor may be used to limit the
current.
ENABLE
V
Z = 10V
175k
FIGURE 4. ENABLE Pin Equivalent Input Circuit.
FIGURE 3. Foldback Current Limit and Boost Circuit.
0
100
200
300
400
500
600
700
800
3.5
3
2.5
2
1.5
1
0.5
0
Output Current (mA)
REG103
V
IN
0.1
µF
Gnd
R
BOOST
V
OUT
+
0.1
µF(1)
Load
+
(1) Optional.
(a) Foldback Current Limit of the REG103-3.3 at 25
°C.
(b) Foldback Current Boost Circuit.
ERROR FLAG
The error indication pin, only available on the SO-8 package
version, provides a fault indication out-of-regulation condi-
tion. During a fault condition, ERROR is pulled LOW by an
open drain output device. The pin voltage, in the fault state,
is typically less than 0.2V at 500
µA.
A fault condition is indicated when the output voltage differs
(either above or below) from the specified value by approxi-
mately 10%. Figure 6 shows a typical fault-monitoring
application.
OUTPUT NOISE
A precision band-gap reference is used for the internal
reference voltage, VREF, for the REG103. This reference is
the dominant noise source within the REG103. It generates
approximately 45
µVrms in the 10Hz to 100kHz bandwidth
at the reference output. The regulator control loop gains up
the reference noise, so that the noise voltage of the regulator
is approximately given by:
V
Vrms
RR
R
Vrms
V
V
N
OUT
REF
+
45
2
45
12


Similar Part No. - REG103FA-AKTTT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103FA-AKTTT BURR-BROWN-REG103FA-AKTTT Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
logo
Texas Instruments
REG103FA-AKTTT TI1-REG103FA-AKTTT Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
REG103FA-AKTTT TI1-REG103FA-AKTTT Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
REG103FA-AKTTTG3 TI1-REG103FA-AKTTTG3 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
REG103FA-AKTTTG3 TI1-REG103FA-AKTTTG3 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
More results

Similar Description - REG103FA-AKTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG103 TI1-REG103 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG103 BURR-BROWN-REG103_07 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com