Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR115UA Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR115UA
Description  4-20mA CURRENT LOOP TRANSMITTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR115UA Datasheet(HTML) 5 Page - Burr-Brown (TI)

  XTR115UA Datasheet HTML 1Page - Burr-Brown (TI) XTR115UA Datasheet HTML 2Page - Burr-Brown (TI) XTR115UA Datasheet HTML 3Page - Burr-Brown (TI) XTR115UA Datasheet HTML 4Page - Burr-Brown (TI) XTR115UA Datasheet HTML 5Page - Burr-Brown (TI) XTR115UA Datasheet HTML 6Page - Burr-Brown (TI) XTR115UA Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
®
XTR115, XTR116
APPLICATIONS INFORMATION
The XTR115 and XTR116 are identical devices except for
the reference voltage output, pin 1. This voltage is available
for external circuitry and is not used internally. Further
discussions that apply to both devices will refer to the
“XTR115/6.”
Figure 1 shows basic circuit connections with representative
simplified input circuitry. The XTR115/6 is a two-wire
current transmitter. Its input signal (pin 2) controls the output
current. A portion of this current flows into the V+ power
supply, pin 7. The remaining current flows in Q1. External
input circuitry connected to the XTR115/6 can be powered
from VREG or VREF. Current drawn from these terminals
must be returned to IRET, pin 3. This IRET pin is a “local
ground” for input circuitry driving the XTR115/6.
The XTR115/6 is a current-input device with a gain of 100.
A current flowing into pin 2 produces IO = 100 • IIN. The
input voltage at the IIN pin is zero (referred to the IRET pin).
A voltage input is created with an external input resistor, as
shown. Common full-scale input voltages range from 1V
and upward. Full-scale inputs greater than 0.5V are recom-
mend to minimize the effect of offset voltage and drift of A1.
EXTERNAL TRANSISTOR
The external transistor, Q1, conducts the majority of the full-
scale output current. Power dissipation in this transistor can
approach 0.8W with high loop voltage (40V) and 20mA
output current. The XTR115/6 is designed to use an external
transistor to avoid on-chip thermal-induced errors. Heat
produced by Q1 will still cause ambient temperature changes
that can affect the XTR115/6. To minimize these effects,
locate Q1 away from sensitive analog circuitry, including
XTR115/6. Mount Q1 so that heat is conducted to the
outside of the transducer housing.
The XTR115/6 is designed to use virtually any NPN transis-
tor with sufficient voltage, current and power rating. Case
style and thermal mounting considerations often influence
the choice for any given application. Several possible choices
are listed in Figure 1. A MOSFET transistor will not improve
the accuracy of the XTR115/6 and is not recommended.
R
IN
20k
I
IN
2
V
IN
I
RET
3
XTR115
XTR116
+5V
Regulator
R
2
25
R
LIM
E
5
I
O
4
B
6
V+
7
R
1
2.475k
R
L
V
LOOP
A1
Voltage
Reference
V
REG
5V
V
REF
8
1
XTR115: 2.5V
XTR116: 4.096V
Possible choices for Q
1 (see text).
2N4922
TIP29C
TIP31B
TYPE
TO-225
TO-220
TO-220
PACKAGE
I = 100 • I
IN
I
O
10nF
I
REF
I
IN
All return current
from I
REG and IREF
For I
O = 4mA to 20mA
I
IN = 40µA to 200µA
With R
IN = 20kΩ
V
IN = 0.8V to 4V
I
REG
Q
1
Input
Circuitry
FIGURE 1. Basic Circuit Connections.


Similar Part No. - XTR115UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR115UA TI1-XTR115UA Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR115UA/2K5 TI1-XTR115UA/2K5 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR115UA/2K5E4 TI1-XTR115UA/2K5E4 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR115UAE4 TI1-XTR115UAE4 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
More results

Similar Description - XTR115UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Texas Instruments
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Protek Devices
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
logo
Murata Manufacturing Co...
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
   4-20mA Current Loop Application Board for DMS-30LCD Meters
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com