Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR115U Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR115U
Description  4-20mA CURRENT LOOP TRANSMITTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR115U Datasheet(HTML) 1 Page - Burr-Brown (TI)

  XTR115U Datasheet HTML 1Page - Burr-Brown (TI) XTR115U Datasheet HTML 2Page - Burr-Brown (TI) XTR115U Datasheet HTML 3Page - Burr-Brown (TI) XTR115U Datasheet HTML 4Page - Burr-Brown (TI) XTR115U Datasheet HTML 5Page - Burr-Brown (TI) XTR115U Datasheet HTML 6Page - Burr-Brown (TI) XTR115U Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
XTR115, XTR116
©2000 Burr-Brown Corporation
PDS-1582A
Printed in U.S.A. January, 2000
XTR115
XTR116
4-20mA CURRENT LOOP TRANSMITTERS
®
FEATURES
q LOW QUIESCENT CURRENT: 200
µA
q 5V REGULATOR FOR EXTERNAL CIRCUITS
q V
REF FOR SENSOR EXCITATION:
XTR115: 2.5V
XTR116: 4.096V
q LOW SPAN ERROR: 0.05%
q LOW NONLINEARITY ERROR: 0.003%
q WIDE LOOP SUPPLY RANGE: 7.5V to 36V
q SO-8 PACKAGE
APPLICATIONS
q 2-WIRE, 4-20mA CURRENT LOOP
TRANSMITTER
q SMART TRANSMITTER
q INDUSTRIAL PROCESS CONTROL
q TEST SYSTEMS
q COMPATIBLE WITH HART MODEM
q CURRENT AMPLIFIER
q VOLTAGE-TO-CURRENT AMPLIFIER
DESCRIPTION
The XTR115 and XTR116 are precision current out-
put converters designed to transmit analog 4-to-20mA
signals over an industry standard current loop. They
provide accurate current scaling and output current
limit functions.
The on-chip voltage regulator (5V) can be used to
power external circuitry. A precision on-chip VREF
(2.5V for XTR115 and 4.096V for XTR116) can be
used for offsetting or to excite transducers. A current
return pin (IRET) senses any current used in external
circuitry to assure an accurate control of the output
current.
The XTR115 is a fundamental building block of
smart sensors using 4-to-20mA current transmission.
The XTR115 and XTR116 are specified for opera-
tion over the extended industrial temperature range,
–40
°C to +85°C.
XTR115
XTR116
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other product
information, visit www.burr-brown.com
R
IN
I
IN
V
IN
+
I
RET
XTR115
XTR116
+5V
Regulator
R
2
25
R
LIM
E
B
V+
R
1
2.475k
I
O =
100 V
IN
R
IN
A1
Voltage
Reference
+5V
V
REG
V
REF
2
3
8
1
5
4
7
6
XTR115: 2.5V
XTR116: 4.096V
R
L
V
LOOP
I = 100 • I
IN


Similar Part No. - XTR115U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR115U TI1-XTR115U Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR115U/2K5 TI1-XTR115U/2K5 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR115U/2K5E4 TI1-XTR115U/2K5E4 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR115UA TI1-XTR115UA Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
XTR115UA/2K5 TI1-XTR115UA/2K5 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
More results

Similar Description - XTR115U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
[Old version datasheet]   4-20mA CURRENT LOOP TRANSMITTERS
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
   4-20mA Current Loop Isolator
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Texas Instruments
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Protek Devices
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
logo
Murata Manufacturing Co...
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
   4-20mA Current Loop Application Board for DMS-30LCD Meters
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
   DUAL 4-20mA CONTROL LOOP PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com