Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR112U Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR112U
Description  4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR112U Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button XTR112U Datasheet HTML 7Page - Burr-Brown (TI) XTR112U Datasheet HTML 8Page - Burr-Brown (TI) XTR112U Datasheet HTML 9Page - Burr-Brown (TI) XTR112U Datasheet HTML 10Page - Burr-Brown (TI) XTR112U Datasheet HTML 11Page - Burr-Brown (TI) XTR112U Datasheet HTML 12Page - Burr-Brown (TI) XTR112U Datasheet HTML 13Page - Burr-Brown (TI) XTR112U Datasheet HTML 14Page - Burr-Brown (TI) XTR112U Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
®
XTR112, XTR114
NOTE: The values listed in the table are 1% resistors (in
Ω).
Exact values may be calculated from the following equations:
RZ = RTD resistance at minimum measured temperature, T
MIN.
TMIN
100
°C
200
°C
300
°C
400
°C
500
°C
600
°C
700
°C
800
°C
900
°C
1000
°C
–200
°C
187/267
187/536
187/806
187/1050
187/1330
187/1580
187/1820
187/2100
187/2370
187/2670
48700
31600
25500
21500
17800
15000
13000
11300
9760
8660
61900
48700
46400
44200
41200
39200
36500
34800
33200
31600
–100
°C
604/255
604/499
604/4750
604/1000
604/1270
604/1500
604/1780
604/2050
604/2260
86600
49900
33200
24900
19600
15800
13300
11500
10000
110000
75000
59000
49900
44200
40200
37400
34800
32400
0
°C
1000/243
1000/487
1000/732
1000/976 1000/1210 1000/1470 1000/1740 1000/1960
105000
51100
33200
24300
19100
15400
13000
11000
130000
76800
57600
48700
42200
38300
35700
33200
100
°C
1370/237
1370/475
1370/715
1370/953 1370/1180 1370/1430 1370/1690
102000
49900
32400
23700
18700
15000
12400
127000
73200
56200
46400
40200
36500
33200
200
°C
1740/232
1740/464
1740/698
1740/931 1740/1150 1740/1400
100000
48700
31600
23200
17800
14300
121000
69800
53600
44200
38300
34800
300
°C
2100/221
2100/442
2100/665
2100/887 2100/1130
95300
46400
30100
22100
17400
118000
68100
51100
42200
36500
400
°C
2490/215
2490/432
2490/649
2490/866
93100
45300
29400
21500
113000
64900
48700
40200
500
°C
2800/210
2800/412
2800/619
887000
43200
28000
107000
61900
45300
600
°C
3160/200
3160/402
86600
42200
102000
59000
700
°C
3480/191
82500
100000
800
°C
3740/187
80600
95300
RLIN1
RLIN2
NOTE: The values listed in the table are 1% resistors (in
Ω).
Exact values may be calculated from the following equations:
RZ = RTD resistance at minimum measured temperature, T
MIN.
MEASUREMENT TEMPERATURE SPAN
∆T (
°C)
RZ /RG
R2 = RTD resistance at T
MAX
where R1 = RTD resistance at the midpoint measured temperature, (T
MIN + TMAX)/2
RLIN = 1kΩ (Internal)
TABLE II. XTR112 RZ, RG, RLIN1, and RLIN2 Standard 1% Resistor Values for Three-Wire Pt1000 RTD Connection with Linearization.
R
RR
R
RR
R
LIN
LIN
Z
1
21
12
16
2
=
.(
)
(–
)
R
RR
R
R
RR
R
LIN
LIN
G
Z
2
21
12
16
2
=
•+
.(
) (
)
(–
)
R
RR
R
R
RR
G
ZZ
=
0 625
21
21
.(
) (
)
(–
)
XTR112 1% RESISTOR VALUES FOR A THREE-WIRE RTD CONNECTION
TMIN
100
°C
200
°C
300
°C
400
°C
500
°C
600
°C
700
°C
800
°C
900
°C
1000
°C
–200
°C
187/107
187/215
187/316
187/422
187/523
187/634
187/732
187/845
187/953
187/1050
121000
78700
64900
53600
45300
38300
32400
28000
24900
21500
133000
95300
84500
76800
68100
68100
56200
52300
47500
45300
–100
°C
604/102
604/200
604/301
604/402
604/511
604/604
604/715
604/806
604/909
221000
124000
84500
61900
48700
40200
33200
28700
24900
243000
150000
110000
86600
73200
63400
57600
52300
47500
0
°C
1000/97.6
1000/196
1000/294
1000/392
1000/487
1000/590
1000/681
1000/787
261000
130000
84500
61900
47500
39200
32400
27400
287000
154000
107000
84500
71500
61900
54900
49900
100
°C
1370/95.3
1370/191
1370/287
1370/383
1370/475
1370/576
1370/665
255000
124000
80600
59000
46400
37400
31600
280000
147000
105000
82500
68100
59000
52300
200
°C
1740/90.9
1740/182
1740/274
1740/365
1740/464
1740/549
249000
121000
78700
57600
44200
36500
267000
143000
100000
78700
64900
56200
300
°C
2100/88.9
2100/178
2100/267
2100/357
2100/348
237000
118000
75000
54900
43200
261000
137000
95300
75000
61900
400
°C
2490/86.6
2490/174
2490/261
2490/249
232000
113000
73200
53600
249000
133000
93100
71500
500
°C
2800/82.5
2800/165
2800/49
221000
110000
69800
243000
127000
88700
600
°C
3160/80.6
3160/162
215000
105000
215000
121000
700
°C
3480/76.8
205000
221000
800
°C
3740/75
200000
215000
MEASUREMENT TEMPERATURE SPAN
∆T (
°C)
RZ /RG
RLIN1
RLIN2
R2 = RTD resistance at T
MAX
where R1 = RTD resistance at the midpoint measured temperature, (T
MIN + TMAX)/2
RLIN = 1kΩ (Internal)
TABLE III. XTR114 RZ, RG, RLIN1, and RLIN2 Standard 1% Resistor Values for Three-Wire Pt1000 RTD Connection with Linearization.
XTR114 1% RESISTOR VALUES FOR A THREE-WIRE RTD CONNECTION
R
RR
R
R
RR
G
ZZ
=
025
21
21
.(
) (
)
(–
)
R
RR
R
RR
R
LIN
LIN
Z
1
21
12
4
2
=
(–
)
(–
)
R
RR
R
R
RR
R
LIN
LIN
G
Z
2
21
12
4
2
=
•+
() (
)
(–
)


Similar Part No. - XTR112U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR112U TI1-XTR112U Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112U/2K5 TI1-XTR112U/2K5 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112UA TI1-XTR112UA Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112UA/2K5 TI1-XTR112UA/2K5 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR112UAE4 TI1-XTR112UAE4 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
More results

Similar Description - XTR112U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com