Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR105UA Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR105UA
Description  4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR105UA Datasheet(HTML) 2 Page - Burr-Brown (TI)

  XTR105UA Datasheet HTML 1Page - Burr-Brown (TI) XTR105UA Datasheet HTML 2Page - Burr-Brown (TI) XTR105UA Datasheet HTML 3Page - Burr-Brown (TI) XTR105UA Datasheet HTML 4Page - Burr-Brown (TI) XTR105UA Datasheet HTML 5Page - Burr-Brown (TI) XTR105UA Datasheet HTML 6Page - Burr-Brown (TI) XTR105UA Datasheet HTML 7Page - Burr-Brown (TI) XTR105UA Datasheet HTML 8Page - Burr-Brown (TI) XTR105UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
®
I
O = VIN • (40/RG) + 4mA, VIN in
Volts, R
G in Ω
T Specification same as XTR105P, XTR105U.
NOTES: (1) Describes accuracy of the 4mA low-scale offset current. Does not include input amplifier effects. Can be trimmed to zero. (2) Voltage measured with
respect to I
RET pin. (3) Does not include initial error or TCR of gain-setting resistor, RG. (4) Increasing the full-scale input range improves nonlinearity. (5) Does not
include Zero Output initial error. (6) Current source output voltage with respect to I
RET pin.
SPECIFICATIONS
At TA = +25°C, V+ = 24V, and TIP29C external transistor, unless otherwise noted.
XTR105P, U
XTR105PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT
Output Current Equation
A
Output Current, Specified Range
4
20
TT
mA
Over-Scale Limit
24
27
30
TT
T
mA
Under-Scale Limit
IREG = 0V
1.8
2.2
2.6
TT
T
mA
ZERO OUTPUT(1)
VIN = 0V, RG = ∞
4
T
mA
Initial Error
±5
±25
T
±50
µA
vs Temperature
±0.07
±0.5
T
±0.9
µA/°C
vs Supply Voltage, V+
V+ = 7.5V to 36V
0.04
0.2
TT
µA/V
vs Common-Mode Voltage
VCM = 1.25V to 3.5V(2)
0.02
T
µA/V
vs VREG Output Current
0.3
T
µA/mA
Noise: 0.1Hz to 10Hz
0.03
T
µAp-p
SPAN
Span Equation (Transconductance)
S = 40/RG
T
A/V
Initial Error (3)
Full Scale (VIN) = 50mV
±0.05
±0.2
T
±0.4
%
vs Temperature(3)
±3
±25
TT
ppm/
°C
Nonlinearity: Ideal Input (4)
Full Scale (VIN) = 50mV
0.003
0.01
TT
%
INPUT(5)
Offset Voltage
VCM = 2V
±50
±100
T
±250
µV
vs Temperature
±0.4
±1.5
T
±3
µV/°C
vs Supply Voltage, V+
V+ = 7.5V to 36V
±0.3
±3
TT
µV/V
vs Common-Mode Voltage,
VCM = 1.25V to 3.5V(2)
±10
±50
T
±100
µV/V
RTI (CMRR)
Common-Mode Input Range(2)
1.25
3.5
TT
V
Input Bias Current
525
T
50
nA
vs Temperature
20
T
pA/
°C
Input Offset Current
±0.2
±3
T
±10
nA
vs Temperature
5
T
pA/
°C
Impedance: Differential
0.1 || 1
T
G
Ω || pF
Common-Mode
5 || 10
T
G
Ω || pF
Noise: 0.1Hz to 10Hz
0.6
T
µVp-p
CURRENT SOURCES
VO = 2V(6)
Current
800
T
µA
Accuracy
±0.05
±0.2
T
±0.4
%
vs Temperature
±15
±35
T
±75
ppm/
°C
vs Power Supply, V+
V+ = 7.5V to 36V
±10
±25
TT
ppm/V
Matching
±0.02
±0.1
T
±0.2
%
vs Temperature
±3
±15
T
±30
ppm/
°C
vs Power Supply, V+
V+ = 7.5V to 36V
1
10
TT
ppm/V
Compliance Voltage, Positive
(V+) –3
(V+) –2.5
TT
V
Negative(2)
0
–0.2
TT
V
Output Impedance
150
T
M
Noise: 0.1Hz to 10Hz
0.003
T
µAp-p
VREG(2)
5.1
T
V
Accuracy
±0.02
±0.1
TT
V
vs Temperature
±0.2
T
mV/
°C
vs Supply Voltage, V+
1
T
mV/V
Output Current
±1
T
mA
Output Impedance
75
T
LINEARIZATION
RLIN (internal)
1
T
k
Accuracy
±0.2
±0.5
T
±1%
vs Temperature
±25
±100
TT
ppm/
°C
POWER SUPPLY
Specified
+24
T
V
Voltage Range
+7.5
+36
TT
V
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
+85
TT
°C
Operating
–55
+125
TT
°C
Storage
–55
+125
TT
°C
Thermal Resistance,
θ
JA
14-Pin DIP
80
T
°C/W
SO-14 Surface-Mount
100
T
°C/W


Similar Part No. - XTR105UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105UA TI1-XTR105UA Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UA TI1-XTR105UA Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UA/2K5 TI1-XTR105UA/2K5 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI1-XTR105UAG4 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results

Similar Description - XTR105UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com