Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR105U Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR105U
Description  4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR105U Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button XTR105U Datasheet HTML 6Page - Burr-Brown (TI) XTR105U Datasheet HTML 7Page - Burr-Brown (TI) XTR105U Datasheet HTML 8Page - Burr-Brown (TI) XTR105U Datasheet HTML 9Page - Burr-Brown (TI) XTR105U Datasheet HTML 10Page - Burr-Brown (TI) XTR105U Datasheet HTML 11Page - Burr-Brown (TI) XTR105U Datasheet HTML 12Page - Burr-Brown (TI) XTR105U Datasheet HTML 13Page - Burr-Brown (TI) XTR105U Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
®
A typical two-wire RTD application with linearization is
shown in Figure 1. Resistor RLIN1 provides positive feed-
back and controls linearity correction. RLIN1 is chosen ac-
cording to the desired temperature range. An equation is
given in Figure 1.
In three-wire RTD connections, an additional resistor, RLIN2,
is required. As with the two-wire RTD application, RLIN1
provides positive feedback for linearization. RLIN2 provides
an offset canceling current to compensate for wiring resis-
tance encountered in remotely located RTDs. RLIN1 and RLIN2
are chosen such that their currents are equal. This makes the
voltage drop in the wiring resistance to the RTD a common-
mode signal which is rejected by the XTR105. The nearest
standard 1% resistor values for RLIN1 and RLIN2 should be
adequate for most applications. Table I provides the 1%
resistor values for a three-wire Pt100 RTD connection.
If no linearity correction is desired, the VLIN pin should be
left open. With no linearization, RG = 2500 • VFS, where
VFS = full-scale input range.
RTDs
The text and figures thus far have assumed a Pt100 RTD.
With higher resistance RTDs, the temperature range and
input voltage variation should be evaluated to ensure proper
common-mode biasing of the inputs. As mentioned earlier,
RCM can be adjusted to provide an additional voltage drop to
bias the inputs of the XTR105 within their common-mode
input range.
ERROR ANALYSIS
Table II shows how to calculate the effect various error sources
have on circuit accuracy. A sample error calculation for a
typical RTD measurement circuit (Pt100 RTD, 200
°C mea-
surement span) is provided. The results reveal the XTR105’s
excellent accuracy, in this case 1.1% unadjusted. Adjusting
resistors RG and RZ for gain and offset errors improves circuit
accuracy to 0.32%. Note that these are worst case errors;
guaranteed maximum values were used in the calculations and
all errors were assumed to be positive (additive). The XTR105
achieves performance which is difficult to obtain with discrete
circuitry and requires less space.
OPEN-CIRCUIT PROTECTION
The optional transistor Q2 in Figure 3 provides predictable
behavior with open-circuit RTD connections. It assures that
if any one of the three RTD connections is broken, the
XTR105’s output current will go to either its high current
limit (
≈27mA) or low current limit (≈2.2mA). This is easily
detected as an out-of-range condition.
FIGURE 3. Three-Wire Connection for Remotely Located RTDs.
Resistance in this line causes
a small common-mode voltage
which is rejected by XTR105 .
OPEN RTD
TERMINAL
I
O
1
2
3
≈ 2.2mA
≈27mA
≈2.2mA
RTD
(R
LINE2)(RLINE1)
R
Z
(1)
R
LIN2
(1)
R
LIN1
(1)
(R
LINE3)
2
1
3
0.01µF
R
CM = 1000Ω
0.01µF
Q
2
(2)
2N2222
NOTES: (1) See Table I for resistor equations and
1% values. (2) Q
2 optional. Provides predictable
output current if any one RTD connection is
broken:
13
4
3
2
R
G
XTR105
7
6
(1)
R
G
R
G
V
IN
V
IN
+
V
LIN I
R1
I
R2
V
REG
V+
I
RET
I
O
E
B
8
9
Q
1
I
O
I
O
14
11
12
1
10
EQUAL line resistances here
creates a small common-mode
voltage which is rejected by
XTR105.


Similar Part No. - XTR105U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105U TI1-XTR105U Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105U TI1-XTR105U Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UA TI1-XTR105UA Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UA TI1-XTR105UA Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UA/2K5 TI1-XTR105UA/2K5 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results

Similar Description - XTR105U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com