Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR105P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR105P
Description  4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR105P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  XTR105P Datasheet HTML 1Page - Burr-Brown (TI) XTR105P Datasheet HTML 2Page - Burr-Brown (TI) XTR105P Datasheet HTML 3Page - Burr-Brown (TI) XTR105P Datasheet HTML 4Page - Burr-Brown (TI) XTR105P Datasheet HTML 5Page - Burr-Brown (TI) XTR105P Datasheet HTML 6Page - Burr-Brown (TI) XTR105P Datasheet HTML 7Page - Burr-Brown (TI) XTR105P Datasheet HTML 8Page - Burr-Brown (TI) XTR105P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
®
XTR105
3
Power Supply, V+ (referenced to IO pin) .......................................... 40V
Input Voltage, VIN, VIN (referenced to IO pin) ............................ 0V to V+
Storage Temperature Range ........................................ –55
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Output Current Limit ............................................................... Continuous
Junction Temperature ................................................................... +165
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
ABSOLUTE MAXIMUM RATINGS(1)
Top View
DIP and SOIC
PIN CONFIGURATION
+
I
R1
V
IN
R
G
R
G
NC
I
RET
I
O
I
R2
V
IN
V
LIN
V
REG
V+
B (Base)
E (Emitter)
NC = No Internal Connection.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–+
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
XTR105PA
14-Pin Plastic DIP
010
–40
°C to +85°C
XTR105P
14-Pin Plastic DIP
010
–40
°C to +85°C
XTR105UA
SO-14 Surface Mount
235
–40
°C to +85°C
XTR105U
SO-14 Surface Mount
235
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
FUNCTIONAL BLOCK DIAGRAM
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product
for use in life support devices and/or systems.
975
6
I = 100µA +
100µA
800µA
800µA
25
V+
Q
1
9
B
10
11
4
13
2
3
8
E
V
IN
R
G
I
O = 4mA + VIN
40
R
G
(
)
5.1V
R
G
R
LIN
1k
V
IN
+
V
IN
I
RET
7
V
REG
14
1
12
I
R2
I
R1
V
LIN


Similar Part No. - XTR105P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105P TI1-XTR105P Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105P TI1-XTR105P Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105PA TI1-XTR105PA Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105PA TI1-XTR105PA Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105PAG4 TI1-XTR105PAG4 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results

Similar Description - XTR105P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com