Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR101AP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR101AP
Description  Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR101AP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  XTR101AP Datasheet HTML 1Page - Burr-Brown (TI) XTR101AP Datasheet HTML 2Page - Burr-Brown (TI) XTR101AP Datasheet HTML 3Page - Burr-Brown (TI) XTR101AP Datasheet HTML 4Page - Burr-Brown (TI) XTR101AP Datasheet HTML 5Page - Burr-Brown (TI) XTR101AP Datasheet HTML 6Page - Burr-Brown (TI) XTR101AP Datasheet HTML 7Page - Burr-Brown (TI) XTR101AP Datasheet HTML 8Page - Burr-Brown (TI) XTR101AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©1986 Burr-Brown Corporation
PDS-627G
Printed in U.S.A. October, 1993
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
XTR101
Precision, Low Drift
4-20mA TWO-WIRE TRANSMITTER
FEATURES
q INSTRUMENTATION AMPLIFIER INPUT
Low Offset Voltage, 30
µV max
Low Voltage Drift, 0.75
µV/°C max
Low Nonlinearity, 0.01% max
q TRUE TWO-WIRE OPERATION
Power and Signal on One Wire Pair
Current Mode Signal Transmission
High Noise Immunity
q DUAL MATCHED CURRENT SOURCES
q WIDE SUPPLY RANGE: 11.6V to 40V
q –40
°C to +85°C SPECIFICATION RANGE
q SMALL 14-PIN DIP PACKAGE, CERAMIC
AND PLASTIC
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
Pressure Transmitters
Temperature Transmitters
Millivolt Transmitters
q RESISTANCE BRIDGE INPUTS
q THERMOCOUPLE INPUTS
q RTD INPUTS
q CURRENT SHUNT (mV) INPUTS
q PRECISION DUAL CURRENT SOURCES
q AUTOMATED MANUFACTURING
q POWER/PLANT ENERGY SYSTEM
MONITORING
DESCRIPTION
The XTR101 is a microcircuit, 4-20mA, two-wire
transmitter containing a high accuracy instrumenta-
tion amplifier (IA), a voltage-controlled output current
source, and dual-matched precision current reference.
This combination is ideally suited for remote signal
conditioning of a wide variety of transducers such as
thermocouples, RTDs, thermistors, and strain gauge
bridges. State-of-the-art design and laser-trimming,
wide temperature range operation and small size make
it very suitable for industrial process control applica-
tions. In addition, the optional external transistor al-
lows even higher precision.
The two-wire transmitter allows signal and power to
be supplied on a single wire-pair by modulating the
power supply current with the input signal source. The
transmitter is immune to voltage drops from long runs
and noise from motors, relays, actuators, switches,
transformers, and industrial equipment. It can be used
by OEMs producing transmitter modules or by data
acquisition system manufacturers.
2
B
14
9
1
8
11
10
3
5
6
4
XTR101
e
1
12
Optional
Offset Null
Optional
External
Transistor
REF1
I
REF2
I
I
OUT
7
13
E
(1)
(1)
e
2
Span
NOTE: (1) Pins 12 and 13 are used for optional BW control.
+
+V
CC
®


Similar Part No. - XTR101AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR101AP TI-XTR101AP Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101AP TI1-XTR101AP Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101APG4 TI1-XTR101APG4 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
More results

Similar Description - XTR101AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com