Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR103BP Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # XTR103BP
Description  4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR103BP Datasheet(HTML) 4 Page - Burr-Brown (TI)

  XTR103BP Datasheet HTML 1Page - Burr-Brown (TI) XTR103BP Datasheet HTML 2Page - Burr-Brown (TI) XTR103BP Datasheet HTML 3Page - Burr-Brown (TI) XTR103BP Datasheet HTML 4Page - Burr-Brown (TI) XTR103BP Datasheet HTML 5Page - Burr-Brown (TI) XTR103BP Datasheet HTML 6Page - Burr-Brown (TI) XTR103BP Datasheet HTML 7Page - Burr-Brown (TI) XTR103BP Datasheet HTML 8Page - Burr-Brown (TI) XTR103BP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
®
XTR103
100
1k
10k
100k
0
Frequency (Hz)
TRANSCONDUCTANCE vs FREQUENCY
1M
80
60
40
20
R
G = 25Ω
R
G = 100Ω
R
G = 400Ω
R
G = 2kΩ
R
G = ∞
20mA
4mA
R
S = ∞
R
S = 25Ω
STEP RESPONSE
100
µs/Div
0
0.1
1
10
100
1k
10k
Frequency (Hz)
COMMON-MODE REJECTION
vs FREQUENCY (RTI)
100k
120
100
80
60
40
20
G = 0.16A/V
(R
G = 400Ω)
120
100
80
60
40
20
0.1
0
Frequency (Hz)
POWER SUPPLY
REJECTION vs FREQUENCY (RTI)
140
1
10
100
1k
10k
100k
G = 0.16A/V
(R
G = 400Ω)
1500
1250
1000
750
500
250
0
1020
30
4050
0
Loop Power Supply Voltage, V
PS (V)
1550
LOOP RESISTANCE vs LOOP POWER SUPPLY
R
L max =
(V+) – 9V
20mA
1750
Operating
Region
9V
Loop Power Supply Voltage, V
PS (V)
60
50
40
30
20
10
0
10
20
30
40
R L
= 100
R L =
600
R L =
1kΩ
R
L = 100Ω
R
L = 600Ω
R
L = 1kΩ
Without external transistor
Span =
∆I
O = 16mA
With external transistor
INPUT OFFSET VOLTAGE vs LOOP POWER SUPPLY
TYPICAL PERFORMANCE CURVES
At TA = +25°C, V+ = 24VDC, unless otherwise noted.


Similar Part No. - XTR103BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR103BP1 TI1-XTR103BP1 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
More results

Similar Description - XTR103BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com