Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR101BG Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR101BG
Description  Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR101BG Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button XTR101BG Datasheet HTML 3Page - Burr-Brown (TI) XTR101BG Datasheet HTML 4Page - Burr-Brown (TI) XTR101BG Datasheet HTML 5Page - Burr-Brown (TI) XTR101BG Datasheet HTML 6Page - Burr-Brown (TI) XTR101BG Datasheet HTML 7Page - Burr-Brown (TI) XTR101BG Datasheet HTML 8Page - Burr-Brown (TI) XTR101BG Datasheet HTML 9Page - Burr-Brown (TI) XTR101BG Datasheet HTML 10Page - Burr-Brown (TI) XTR101BG Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
®
XTR101
7
1mA
10
7
1mA
11
Q
EXT
23.6V, 377mW
12
B
210
52.6
1.5mA
Quiescent
18mA
20mA
R
L
250
Short Circuit
Worst Case
V
PS
40V
20mA
4mA
16mA
750
12V, 200mW
Q
INT 18mW
+V
CC
8
I
OUT
NOTES: (1) An external transistor is used in the maufacturing test circuit for testing electrical specifications.
(2) This resistor is required for the 2N2222 with V
PS > 24V to limit power dissipation.
3.47V, 60mW
XTR101
3.5mA
0.95V, 17mW
E
(2)
2N2222
(1)
2mA
9
0.5mA
Type
2N4922
TIP29B
TIP31B
Package
TO-225
TO-220
TO-220
Other Suitable Types
FIGURE 2. Power Calculation of XTR101 with External Transistor.
FIGURE 3. Thermal Feedback Due to Change in Output
Current.
FIGURE 4. Power Supply Operating Range.
4. The maximum input signal level (e
INFS) is 1V with RS = ∞
and proportionally less as RS decreases.
5. Always return the current references (pins 10 and 11) to
the output (pin 7) through an appropriate resistor. If the
references are not used for biasing or excitation, connect
them together to pin 7. Each reference must have between
0V and +(VCC – 4V) with respect to pin 7.
6. Always choose R
L (including line resistance) so that the
voltage between pins 7 and 8 (+VCC) remains within the
11.6V to 40V range as the output changes between the
4-20mA range (see Figure 4).
7. It is recommended that a reverse polarity protection diode
(D1 in Figure 1) be used. This will prevent damage to the
XTR101 caused by a momentary (e.g., transient) or long
term application of the wrong polarity of voltage between
pins 7 and 8.
V
CC (V)
30
25
20
15
10
5
0
10
20
30
40
60
50
40
30
20
10
0
With external transistor
R
L = 100Ω
R
L = 600Ω
R
L = 1kΩ
R L
= 100
R L
= 600
R L
= 1k
Without external transistor
Span =
∆I
O = 16mA
1500
1250
1000
750
500
250
0
1020
3040
50
60
0
Power Supply Voltage, V
PS (V)
R
L max =
V
PS – 11.6V
20mA
Operating
Region


Similar Part No. - XTR101BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR101BG TI-XTR101BG Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101BG TI1-XTR101BG Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
More results

Similar Description - XTR101BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com