Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR101AG Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR101AG
Description  Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR101AG Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button XTR101AG Datasheet HTML 5Page - Burr-Brown (TI) XTR101AG Datasheet HTML 6Page - Burr-Brown (TI) XTR101AG Datasheet HTML 7Page - Burr-Brown (TI) XTR101AG Datasheet HTML 8Page - Burr-Brown (TI) XTR101AG Datasheet HTML 9Page - Burr-Brown (TI) XTR101AG Datasheet HTML 10Page - Burr-Brown (TI) XTR101AG Datasheet HTML 11Page - Burr-Brown (TI) XTR101AG Datasheet HTML 12Page - Burr-Brown (TI) XTR101AG Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
®
XTR101
9
40
e
IN
e'
2
+
1mA
1mA
+
R
4
V
4
2mA
+
+
+
+
+
+
2mA
+
+
+
+
R
T
e'
2
R
T
e
IN
1mA
1mA
R
4
V
4
2mA
e'
2
R
4
V
4
e
IN
2mA
e
IN
2mA
2mA
e'
2
R
4
V
4
e
IN = (e'2 +V4)
V
4
= 1mA X R
4
e'
2 = 1mA X RT
(b) Suppressed Zero Range
e
IN = (e'2 –V4)
V
4
= 1mA X R
4
e'
2 = 1mA X RT
(a) Elevated Zero Range
e
IN
= (e'
2
–V
4
)
V
4 = 2mA X R4
(c) Elevated Zero Range
e
IN
= (e'
2
+V
4
)
V
4 = 2mA X R4
(d) Suppressed Zero Range
FIGURE 8. Elevation and Suppression Circuits.
APPLICATION INFORMATION
The small size, low offset voltage and drift, excellent linear-
ity, and internal precision current sources, make the XTR101
ideal for a variety of two-wire transmitter applications. It can
be used by OEMs producing different types of transducer
transmitter modules and by data acquisition systems manu-
facturers who gather transducer data. Current mode trans-
mission greatly reduces noise interference. The two-wire
nature of the device allows economical signal conditioning
at the transducer. Thus the XTR101 is, in general, very
suitable for individualized and special purpose applications.
EXAMPLE 1
RTD Transducer shown in Figure 9.
Given a process with temperature limits of +25
°C and
+150
°C, configure the XTR101 to measure the temperature
with a platinum RTD which produces 100
Ω at 0°C and
200
Ω at +266°C (obtained from standard RTD tables).
Transmit 4mA for +25
°C and 20mA for +150°C.
COMPUTING RS:
The sensitivity of the RTD is
∆R/∆T = 100Ω/266°C. When
excited with a 1mA current source for a 25
°C to 150°C range
(i.e., 125
°C span), the span of e
IN is 1mA X (100Ω/266°C)
X 125
°C = 47mV = ∆e
IN.
From equation 1, R
S =
RS =
=
= 123.3
Span adjustment (calibration) is accomplished by trimming
RS.
COMPUTING R4:
At +25
°C, e'
2 = 1mA (RT + ∆RT)
= 1mA [100
Ω +
X 25
°C]
= 1mA (109.4
Ω) = 109.4mV
In order to make the lower range limit of 25
°C correspond
to the output lower range limit of 4mA, the input circuitry
shown in Figure 9 is used.
eIN, the XTR101 differential input, is made 0 at 25°C or
e'2 25°C – V4 = 0
thus, V4 = e'2 25°C = 109.4mV
R4 =
=
= 109.4
COMPUTING R2 AND CHECKING CMV:
At +25
°C, e'
2 = 109.4mV
At +150
°C, e'
2 = 1mA (RT + ∆RT)
= 1mA [100
Ω +(
X 150
°C)]
= 156.4mV
Since both e'2 and V4 are small relative to the desired 5V
common-mode voltage, they may be ignored in computing
R2 as long as the CMV is met.
R2 = 5V/2mA = 2.5kΩ
e
2 min = 5V + 0.1094V
e2 max = 5V + 0.1564V
e1 = 5V + 0.1094V
∆I
O/∆eIN – 0.016Ω
40
40
16mA/47mV – 0.016
266
°C
100Ω
1mA
109.4mV
1mA
V
4
0.3244
266
°C
100Ω
The +4V to +6V CMV
requirement is met.
– 0 +
20
15
10
5
0
Elevated
Zero
Range
Suppressed
Zero
Range
Span Adjust
e
IN (V)
FIGURE 7. Elevation and Suppression Graph.


Similar Part No. - XTR101AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR101AG TI-XTR101AG Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101AG TI1-XTR101AG Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
More results

Similar Description - XTR101AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com