Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLP0212FPXX5Z03A Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # CLP0212FPXX5Z03A
Description  90 - 264Vac input; 12Vdc output; 200W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CLP0212FPXX5Z03A Datasheet(HTML) 2 Page - Lineage Power Corporation

  CLP0212FPXX5Z03A Datasheet HTML 1Page - Lineage Power Corporation CLP0212FPXX5Z03A Datasheet HTML 2Page - Lineage Power Corporation CLP0212FPXX5Z03A Datasheet HTML 3Page - Lineage Power Corporation CLP0212FPXX5Z03A Datasheet HTML 4Page - Lineage Power Corporation CLP0212FPXX5Z03A Datasheet HTML 5Page - Lineage Power Corporation CLP0212FPXX5Z03A Datasheet HTML 6Page - Lineage Power Corporation CLP0212FPXX5Z03A Datasheet HTML 7Page - Lineage Power Corporation CLP0212FPXX5Z03A Datasheet HTML 8Page - Lineage Power Corporation CLP0212FPXX5Z03A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GE
Preliminary Data Sheet
CLP0212 Open Frame Power Supply
90 - 264Vac input; 12Vdc output; 200W Output Power
October 11, 2013
©2012 General Electric Corporation. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Device
Min
Max
Unit
Input Voltage - Continuous
All
90
264
Vac
Operating Ambient Temperature
All
-25
70
°C
(see Thermal Considerations section)
CLP0212FPEX5Z01A
-40‡
70
°C
CLP0212FPEXZ02A
CLP0212FPEX5Z03A
-40‡
85*
°C
(in sealed enclosure applications with thermally conductive pad to
enclosure, PO,max = 65W)
CLP0212FPEX5Z02A
-40
55†
°C
(in sealed enclosure applications with thermally conductive pad to
enclosure, PO,max = 110W)
CLP0212FPEX5Z03A
-40
55†
°C
Storage Temperature
All
-40
85
°C
Humidity (non-condensing)
All
5
95
%
Altitude
All
4000
m
‡ Startup at -40ºC is limited to 80% of maximum load (160W) for all versions, except the CLP0212FPEXZ02A which can start up at full load.
* Unit is capable of operation up to 85ºC ambient for brief periods of time provided humidity is kept below 40%. Sustained
operation at 85ºC when input voltage is above 230VAC and output power loading is at or near the maximum rated value can
degrade reliability of the product.
† Ambient temperature outside the sealed enclosure containing the power supply.
Electrical Specifications
Parameter
Device
Min
Typ
Max
Unit
Operating Input Voltage
All
90
115/230
264
Vac
Input Source Frequency
All
47
50/60
63
Hz
Input Current (VIN = 90Vac)
All versions except
CLP0212FPEXZ02A
4
ARMS
CLP0212FPEXZ02A
1.6
ARMS
Input Power Factor
All
0.95
Inrush Transient Current (VIN = 264Vac, Tamb = 25ºC)
All
100
A Peak
Leakage Current to earth ground (VIN = 264Vac)
All
2
mA
Output Voltage Setpoint
All
12
Vdc
Output Voltage Tolerance (due to set point, temperature variations,
load and line regulation)
All
-2
2
%
Output Voltage Adjustment Range
All
11.4
12.6
Vdc
Output Remote Sense Range
All
250
mVdc
Output Load Regulation
All
1.5
%Vout
Output Line Regulation
All
0.5
%Vout
Output Ripple and Noise – measured with 0.1µF ceramic capacitor in
parallel with 10µF tantalum capacitor, at 25°C1
Peak-to-peak (20MHz Bandwidth)
All
180
mV p-p
Dynamic Load Response – 50% to 75% load transient, 0.1A/µs slew
rate
Output voltage deviation
Settling Time
All
All
5%
500
%
µs
Output Current
All versions except
CLP0212FPEXZ02A
0
16.7
Adc
Output Current
CLP0212FPEXZ02A
0
8.34
Adc
Output Current Limit Inception
All
115
% IO,max
1
Output ripple is 300mV p-p maximum at -40°C. To reduce further, additional external capacitance needed.


Similar Part No. - CLP0212FPXX5Z03A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLP04P040L28 ETC2-CLP04P040L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Sumida Corporation
CLP0513 SUMIDA-CLP0513 Datasheet
94Kb / 1P
   10/100 Base Pulse Transformer
CLP0608 SUMIDA-CLP0608 Datasheet
184Kb / 1P
   Pulse Transformer
CLP0612 SUMIDA-CLP0612 Datasheet
228Kb / 2P
   LAN Transformer< SMD Type: CLP Series>
CLP0712 SUMIDA-CLP0712 Datasheet
106Kb / 4P
   LAN Transformer< SMD Type: CLP Series>
More results

Similar Description - CLP0212FPXX5Z03A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
MicroPower Direct, LLC
LDC-185 MPD-LDC-185 Datasheet
1Mb / 4P
   200W Output Power
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com