Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE254RUW1A Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # ACE254RUW1A
Description  90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE254RUW1A Datasheet(HTML) 4 Page - Lineage Power Corporation

  ACE254RUW1A Datasheet HTML 1Page - Lineage Power Corporation ACE254RUW1A Datasheet HTML 2Page - Lineage Power Corporation ACE254RUW1A Datasheet HTML 3Page - Lineage Power Corporation ACE254RUW1A Datasheet HTML 4Page - Lineage Power Corporation ACE254RUW1A Datasheet HTML 5Page - Lineage Power Corporation ACE254RUW1A Datasheet HTML 6Page - Lineage Power Corporation ACE254RUW1A Datasheet HTML 7Page - Lineage Power Corporation ACE254RUW1A Datasheet HTML 8Page - Lineage Power Corporation ACE254RUW1A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
GE
Data Sheet
CAR2512FP series rectifier
Input: 90Vac to 264Vac; Output: 12 Vdc @ 208A; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2013 General Electric Company. All rights reserved.
Page 4
Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage programming (Vprog)
Equation: Vout = 10.8 + (Vprog * 0.96)
Vprog range
Vprog
0
2.5
VDC
Programmed output voltage range
Vo
10.8
13.2
VDC
Voltage adjustment resolution (8-bit A/D)
Vo
10
mVDC
Output configured to 13.2Vdc
Vprog
2.5
3.0
VDC
Output configured to the 12Vdc set-point
Vprog
3.0
VDC
Enable [short pin controlling presence of the 12VDC output]
12V output OFF
VI
0.7VDD
12
VDC
12V output ON
VI
0
0.8
VDC
Write protect (Wp)
Write protect enabled
VI
0.7VDD
12
VDC
Write protect disabled
VI
0
0.8
VDC
INPUT(AC)-OK (Needs to be pulled HI via an external resistor)
Logic High (Input within normal range; VIN ≥ 80VAC)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Input out of range; VIN ≤ 75VAC)
IOL
20
mA
VOL
0
0.4
VDC
DC-OK ( Internally connected to 3.3V via a 10kΩ resistor)
Logic High (Output voltage is present; VOUT ≥ 10.7Vdc)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Output voltage is not present; VOUT ≤ 10.2VDC )
IOL
20
mA
VOL
0
0.4
VDC
Over Temperature Warning (Needs to be pulled HI via an external
it )
Logic High (temperature within normal range)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (temperature is too high)
IOL
20
mA
VOL
0
0.4
VDC
Delayed shutdown after Logic Low transition
Tdelay
10
sec
Fault (Needs to be pulled HI via an external resistor)
Logic High (No fault is present)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Fault is present)
IOL
20
mA
VOL
0
0.4
VDC
PS Present (Needs to be pulled HI via an external resistor)
Logic High (Power supply is not plugged in)
Logic Low (Power supply is present)
VIL
0
0.1
VDC


Similar Part No. - ACE254RUW1A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   Universal Rack for the CAR2548FP and CAR2548TN
ACE254RUW48XZ01A LINEAGEPOWER-ACE254RUW48XZ01A Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
More results

Similar Description - ACE254RUW1A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
JRCW450U LINEAGEPOWER-JRCW450U Datasheet
1Mb / 14P
   36??5 Vdc Input; 48Vdc Output; 450W Output
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com