Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE254RUW48XZ01A Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # ACE254RUW48XZ01A
Description  -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE254RUW48XZ01A Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button ACE254RUW48XZ01A Datasheet HTML 6Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 7Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 8Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 9Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 10Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 11Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 12Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 13Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
GE
Data Sheet
CAR2548DC series dc-dc converters
Input: -36Vdc to -75Vdc; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
December 6, 2013
©2013 General Electric Company. All rights reserved.
Page 10
Command
Hex
Code
Data
Field
Function
Vin_OV_fault_limit
55
2
Vin_OV_warn_limit
57
2
Set OV warn limit
Vin_UV_warn_limit
58
2
Set UV warn limit
Vin_UV_fault_limit
59
2
Set UV shutdown
Status_byte
78
1
Status_word
79
2
Status_Vout
7A
1
Status_Iout
7B
1
Status_input
7C
1
Status_temperature
7D
1
Status_CML
7E
1
Status_other
7F
1
Status_mfr_specific
80
1
Status_fan_1_2
81
1
Read_Vout
8B
2
Read output voltage
Read_Iout
8C
2
Read output current
Read_temperature
8D
2
Read Temperature
Read_Pout
96
2
PMBus revision
98
1
Mfr_ID
99
5
FRU_ID
Mfr_model
9A
15
Mfr_revision
9B
4
Mfr_location
9C
4
Mfr_date
9D
6
Mfr_serial
9E
15
Mfr_Vin_min
A0
2
36V (linear format)
Mfr_Vin_max
A1
2
75V (linear format)
Mfr_Iin_max
A2
2
27A (linear format)
Mfr_Pin_max
A3
2
950W (linear format)
Mfr_Vout_min
A4
2
10V (linear format)
Mfr_Vout_max
A5
2
15V (linear format)
Mfr_Iout_max
A6
2
71A (linear format)
Mfr_Pout_max
A7
2
850W (linear format)
Mfr_Tambient_max
A8
2
70C (linear format)
Mfr_Tambient_min
A9
2
-10C (linear format)
User_data_00
B0
48
User memory space
User_data_01
B1
48
User memory space
FRW_revision
D0
1
Ilimit_control_I2C
D3
2
Ilimit set (1/100A)
Vout_control_ I2C
D4
2
Vout set (1/512V)
Fan_duty_cycle
D6
1
Duty_cycle in %
Fan_speed
D7
1
Control in duty cycle
Vprog_ext
D8
2
Read_Vout_ I2C
E0
2
1/512V
Read_Iout_ I2C
E1
2
1/100A
Read_TS_ I2C
E2
2
Heat sink temp C
CMD_OFF_ I2C
E3
2
01-OFF, 00-ON
OTF_limit_ I2C
E4
2
OT fault limit C
OTF_recovery_ I2C
E5
2
OT fault recovery C
DCOKHI_ I2C
E6
2
High OV fault (1/512V)
DCOKLO_ I2C
E7
2
Low OV fault (1/512V)
Status Register Bit Allocation:
Register
Code
Bit
Function
Status_Byte
78
7
Busy
6
DC_ OFF
5
Output OV Fault detected
4
Output OC Fault detected
3
Input UV Fault detected
2
Temperature Fault/warning
detected
1
CML (communication fault)
detected
0
None of Below
Status_word
(includes Status_byte)
79
7
OV Fault/Warning detected
6
OC Fault/Warning detected
5
Input Fault/Warning detected
4
Mfr_specific register change
detected
3
DC_OFF
2
Fan Fault or Warning
detected
1
Other fault
0
Unknown
Status_Vout
7A
7
Vout OV Fault
6
Vout OV Warning
5
Vout UV Warning
4
Vout UV Fault
3
N/A
2
N/A
1
N/A
0
N/A
Status_Iout
7B
7
IOUT OC Fault
6
N/A
5
IOUT OC Warning
4
N/A
3
N/A
2
N/A
1
N/A
0
N/A
Status_input
7C
7
Vin OV Fault
6
Vin OV Warning
5
Vin UV Warning
4
Vin UV Fault
3
N/A
2
N/A
1
N/A
0
N/A
Status_temperature
7D
7
OT Fault
6
OT Warning
5
N/A
4
N/A
3
N/A
2
N/A
1
N/A
0
N /A


Similar Part No. - ACE254RUW48XZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   Universal Rack for the CAR2548FP and CAR2548TN
More results

Similar Description - ACE254RUW48XZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com