Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE254RUW48XZ01A Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ACE254RUW48XZ01A
Description  -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE254RUW48XZ01A Datasheet(HTML) 1 Page - Lineage Power Corporation

  ACE254RUW48XZ01A Datasheet HTML 1Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 2Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 3Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 4Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 5Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 6Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 7Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 8Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
GE
Data Sheet
December 6, 2013
©2013 General Electric Company. All rights reserved.
CAR2548DC series dc-dc converter
Input: -36Vdc to -75Vdc; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Features
3 front panel LEDs: 1-input;2-output; 3 - fault
Output programmable from 43.2 – 56Vdc
Remote ON/OFF control of the 48Vdc output
Remote sense (up to 0.25V) on the 48Vdc output
No minimum load requirements
Redundant parallel operation
Active load sharing (single wire)
Efficiency: typically 91%
Standby orderable either as 3.3Vdc or 5Vdc
Auto recoverable OC & OT protection
Operating temperature: -10 - 70C
(de-rated above 50C)
Digital status & control: I2C and PMBus serial bus
EN/IEC/UL60950-1 2nd edition; UL, CSA and VDE
EMI: class B FCC docket 20780 part 15, EN55022
Meets EN6100 immunity and transient standards
Shock & vibration: NEBS GR-63-CORE, level 3
Applications
48Vdc distributed power architectures
Cellular Base Stations
Satellite Hubs
Network Equipment
Network Attached Storage
Telecom Access Nodes
Routers/Switches/ATE Equipment
Description
The CAR2548DC series of DC-DC Converters provide highly efficient isolated power from DC input mains in a
compact 1U industry standard form factor in an unprecedented power density of 27W/in3. These converters
complement the CAR2548FP rectifier providing comprehensive solutions for systems connected either to commercial
ac mains, 48/60Vdc power plants or telecom central offices. This plug and play approach offers significant
advantages since systems can be reconfigured and repositioned readily by simply replacing the power supply. The
high-density, front-to-back airflow is designed for minimal space utilization and is highly expandable for future
growth. The industry standard PMBus compliant I2C communications buss offers a full range of control and
monitoring capabilities. The SMBusAlert signal pin alerts customers automatically of any state change within the
power supply.
*
UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§
Intended for integration into end-user equipment. All the required procedures for CE marking of end-user equipment should be followed. (The CE mark is placed on selected products.)
**
ISO is a registered trademark of the International Organization of Standards.
+
PMBus name and logo are registered trademarks of the System Management Interface Forum (SMIF)


Similar Part No. - ACE254RUW48XZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   Universal Rack for the CAR2548FP and CAR2548TN
More results

Similar Description - ACE254RUW48XZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com