Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE254RUW48XZ01A Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # ACE254RUW48XZ01A
Description  -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE254RUW48XZ01A Datasheet(HTML) 2 Page - Lineage Power Corporation

  ACE254RUW48XZ01A Datasheet HTML 1Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 2Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 3Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 4Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 5Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 6Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 7Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 8Page - Lineage Power Corporation ACE254RUW48XZ01A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GE
Data Sheet
CAR2548DC series dc-dc converters
Input: -36Vdc to -75Vdc; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
December 6, 2013
©2013 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage: Continuous
VIN
0
75
Vac
Operating Ambient Temperature
TA
-10
701
°C
Storage Temperature
Tstg
-40
85
°C
I/O Isolation voltage (100% factory Hi-Pot tested)
1500
VDC
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, load, and temperature conditions.
INPUT
Parameter
Symbol
Min
Typ
Max
Unit
Operational Range
VIN
-36
-48/60
-75
VDC
48Vdc output turned OFF
-36
48Vdc output turned ON
-42
-45
-48
Idling Power, 48Vdc output OFF
W
35
W
48Vdc output ON
45
Maximum Input Current
(VIN= 37.5Vdc, VO= VO, set, IO=IO, max)
IIN
75
ADC
Cold Start Inrush Current (Excluding x-caps, 25C, <10ms,
per ETSI 300-132)
IIN
75
APEAK
Efficiency (Tamb=25C, Vin= -48Vdc, Vout= 48Vdc); 100% load
90
91
87
%
30 – 50% load
20% load
Holdup time2 (Vin= -48Vdc, Vout= 48Vdc, Tamb 25C, IO=IO, max)
T
4
ms
Loss of Output Early Warning Signal
T
1
ms
Isolation; Input/Output
1500
VDC
Input/Frame
1500
VDC
Output/Frame
1000
VDC
Input capacitance
F
25
µf
48VDC MAIN OUTPUT
Parameter
Symbol
Min
Typ
Max
Unit
Output power
POUT
0
2500
W
Set point, @ 50% load
VOUT
47.5
48.00
48.5
VDC
Overall regulation (load, temperature, aging)
-2
+2
%
Linear droop, NL to FL
0.1
VDC
Remote sense (sum of hot & return)
0.25
VDC
Ripple and noise3
500
mVp-p
1
Derated above 50C at 2.5%/C
2
Full load w/5,000µf external output capacitance, Output may droop down to 44Vdc.
3
Measured across a 10µf tantalum and a 0.1µf ceramic capacitors in parallel. 20MHz bandwidth


Similar Part No. - ACE254RUW48XZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   Universal Rack for the CAR2548FP and CAR2548TN
More results

Similar Description - ACE254RUW48XZ01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com