Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAR2012TE Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # CAR2012TE
Description  Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2012TE Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button CAR2012TE Datasheet HTML 5Page - Lineage Power Corporation CAR2012TE Datasheet HTML 6Page - Lineage Power Corporation CAR2012TE Datasheet HTML 7Page - Lineage Power Corporation CAR2012TE Datasheet HTML 8Page - Lineage Power Corporation CAR2012TE Datasheet HTML 9Page - Lineage Power Corporation CAR2012TE Datasheet HTML 10Page - Lineage Power Corporation CAR2012TE Datasheet HTML 11Page - Lineage Power Corporation CAR2012TE Datasheet HTML 12Page - Lineage Power Corporation CAR2012TE Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
GE
Data Sheet
CAR2012TE series rectifier
Input: 85Vac to 264Vac; Output: 12 Vdc @ 2000W; 3.3Vdc or 5 Vdc @ 4A
February 9, 2014
©2013 General Electric Company. All rights reserved.
Page 9
and alarm registers get reset into their alarm state, however,
the SMBAlert# does not assert again.
‘Manufacturer Specific’ commands are used to support
instructions that are not offered by the PMBus™ specification.
All communication over the PMBus interface must support
Packet Error Checking (PEC). The PMBus master must
generate the correct PEC byte for all transactions, and check
the PEC byte returned by the power supply.
Non-volatile memory is used to store configuration settings.
Not all settings programmed into the device are
automatically saved into this non-volatile memory. Only those
specifically identified as capable of being stored can be
saved. (see the Table of Commands for which command
parameters can be saved to non-volatile storage).
Default state: Power supplies are programmed in the default
state to automatically restart after a shutdown has occurred
for over current and over temperature. The default state can
be reconfigured by changing non-volatile memory
(Store_default_code).
Re-initialization: The I2C code is programmed to re-initialize if
no activity is detected on the bus for 5 seconds. Re-
initialization is designed to guarantee that the I2C µController
does not hang up the bus. Although this rate is longer than
the timing requirements specified in the SMBus specification,
it had to be extended in order to ensure that a re-initialization
would not occur under normal transmission rates. During the
few µseconds required to accomplish re-initialization the I2C
µController may not recognize a command sent to it. (i.e. a
start condition).
Read back delay: The power supply issues the SMBAlert #
notification as soon as the first state change occurred. During
an event a number of different states can be transitioned to
before the final event occurs. If a read back is implemented
rapidly by the host a successive SMBAlert# could be triggered
by the transitioning state of the power supply. In order to
avoid successive SMBAlert# s and read back and also to
avoid reading a transitioning state, it is prudent to wait more
than 2 seconds after the receipt of an SMBAlert# before
executing a read back. This delay will ensure that only the
final state of the power supply is captured.
Successive read backs: Successive read backs to the power
supply should not be attempted at intervals faster than every
one second. This time interval is sufficient for the internal
processors to update their data base so that successive
reads provide fresh data.
Non-supported commands: Non supported commands are
flagged by setting the appropriate STATUS bit and issuing an
SMBAlert# to the ‘host’ controller. If a non-supported read is
requested the power supply will return 0x00h for data.
Data out-of-range: The power supply validates data settings
and sets the data out-of-range bit and SMBAlert# if the data
is not within acceptable range.
Master/Slave: The ‘host controller’ is always the MASTER.
Power supplies are always SLAVES. SLAVES cannot initiate
communications or toggle the Clock. SLAVES also must
respond expeditiously at the command of the MASTER as
required by the clock pulses generated by the MASTER.
Clock stretching: The ‘slave’ µController inside the power
supply may initiate clock stretching if it is busy and it desires
to delay the initiation of any further communications. During
the clock stretch the ‘slave’ may keep the clock LO until it is
ready to receive further instructions from the host controller.
The maximum clock stretch interval is 25ms.
The host controller needs to recognize this clock stretching,
and refrain from issuing the next clock signal, until the clock
line is released, or it needs to delay the next clock pulse
beyond the clock stretch interval of the power supply.
Note that clock stretching can only be performed after
completion of transmission of the 9th ACK bit, the exception
being the START command.
Figure 1. Example waveforms showing clock stretching.
I²C Bus Lock-Up detection: The device will abort any
transaction and drop off the bus if it detects the bus being
held low for more than 35ms.
Communications speed: Both 100kHz and 400kHz clock
rates are supported. The power supplies default to the
100kHz clock rate. The minimum clock speed specified by
SMBus is 10 kHz.
Packet Error Checking (PEC): The power supply will not
respond to commands without the trailing PEC because the
integrity of communications is compromised without packet
error correction deployment.
PEC is a CRC-8 error-checking byte, based on the polynomial
C(x) = x8 + x2 + x + 1, in compliance with PMBus™
requirements. The calculation is performed on all message
bytes, including the originating write address and command
bytes preceding read instructions. The PEC is appended to the
message by the device that supplied the last byte.
SMBAlert#: The µC driven SMBAlert# signal informs the
‘master/host’ controller that either a STATE or ALARM change
has occurred. Normally this signal is HI. The signal will change
to its LO level if the power supply has changed states and the
signal will be latched LO until the power supply receives a
‘clear’ instruction as outlined below. If the alarm state is still
present after the ‘clear_faults’ command has been received,
then the signal will revert back into its LO state again and will
latch until a subsequent ‘clear_faults’ signal is received from
the host controller.
Clock
Stretch


Similar Part No. - CAR2012TE

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CAR2010 RIEDON-CAR2010 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
145Kb / 3P
   CAR Series
More results

Similar Description - CAR2012TE

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com