Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAR1612FP Datasheet(PDF) 3 Page - Lineage Power Corporation

Part No. CAR1612FP
Description  Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAGEPOWER [Lineage Power Corporation]
Homepage  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1612FP Datasheet(HTML) 3 Page - Lineage Power Corporation

  CAR1612FP_14 Datasheet HTML 1Page - Lineage Power Corporation CAR1612FP_14 Datasheet HTML 2Page - Lineage Power Corporation CAR1612FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR1612FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR1612FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR1612FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR1612FP_14 Datasheet HTML 7Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GE Energy
CAR1612FP series rectifier
Input: 85Vac to 264Vac; Output: 12 Vdc @ 1600W; 3.3Vdc or 5 Vdc @ 1A
November 1, 2012
©2012 General Electric Company. All rights reserved.
Page 3
12Vdc MAIN OUTPUT (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote ON/OFF delay time
All
40
ms
Turn-ON rise time (10 – 90% of V
out)
50
ms
Transient response 50% step [10%-60%, 50% - 100%]
(dI/dt – 1A/µs, recovery 300µs)
V
out
-5
+5
%Vout
Programmable range (hardware4 & software)
10.8
13.2
V
dc
Overvoltage protection, latched
(recovery by cycling OFF/ON via hardware or software)
13.8
14.8
15.8
V
dc
Output current
Vin = HL
Vin = LL
I
out
0
134
100
A
dc
Current limit, Hiccup (programmable level)
110
130
% of FL
Active current share
-5
+5
% of FL
AUXILIARY OUTPUT
Parameter
Device
Symbol
Min
Typ
Max
Unit
Set point
All
Vout
3.3 / 5.0
Vdc
Overall regulation (load, temperature, aging)
All
-5
+5
%
Ripple and noise
All
50
mVp-p
Output current
All
Iout
0
1
Adc
Overload protection -
1.1
2.6
Adc
Overvoltage protection
Isolation
Output/Frame
All
100
Vdc
Environmental, Reliability
Parameter
Min
Typ
Max
Units
Notes
Ambient Temperature
Operating
Altitude Operating
Power Derating
-105
706
2250
2.5
°C
m
%/°C
Air inlet from sea level to 5,000 feet.
7400 ft
51°C to 70C (60C max where TUV/VDE is required)
Storage
Altitude non-operating
-40
85
8200
°C
m
30,000 ft
Overload Protection
shutdown
restart
125
110
°C
Humidity
Operating
Storage
30
10
95
95
%
Relative humidity, non-condensing
Shock and Vibration acceleration
6
Grms
NEBS GR-63-CORE, Level 3, 20 -2000Hz, minimum 30 minutes
Earthquake Rating
4
Zone
NEBS GR-63-CORE, all floors, Seismic Zone 4 Designed and
tested to meet NEBS specifications.
Reliability
25C
320,000
Hrs
Full load, MTBF per Bellcore RPP
50C
100,000
Hrs
Full load, MTBF per Bellcore RPP
200,000
Hrs
Full load, demonstrated MTBF
4
Vout=10.8 + (Vprog * 0.96) where 0 < Vprog < 2.5. Unit stays at 13.2V when 2.5 < Vprog < 3. Unit stays at 12V when Vprog > 3V or no-connect.
5
Designed to start at an ambient down to -40°C; meet spec after  30 min warm up period, may not meet operational limits below -10°C.
6
60C max where TUV/VDE is required


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn