Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAR1248FP Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # CAR1248FP
Description  Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1248FP Datasheet(HTML) 5 Page - Lineage Power Corporation

  CAR1248FP_14 Datasheet HTML 1Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 2Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 3Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 4Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 5Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 6Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 7Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 8Page - Lineage Power Corporation CAR1248FP_14 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
GE
Data Sheet
CAR1248FP series rectifier
Input: 90VAC to 264VAC; Output: 48VDC @ 1200W; 5 VDC @ 0.5A
February 26, 2013
©2013 General Electric Company. All rights reserved.
Page 5
Parameter
Symbol
Min
Typ
Max
Unit
Output current monitor (Imon)
Resolution
0.2
V/A
Measurement range
Io
0
25
ADC
Analog output range
Vmon
0
5
VDC
Sourced output current
5
mADC
Digital Interface Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Signal Interface Characteristics
Input Logic High Voltage (CLK, DATA)
VIH
2.1
5.5
VDC
Input Logic Low Voltage (CLK, DATA)
VIL
0
0.8
VDC
Input high sourced current (CLK, DATA)
IIH
0
10
μA
Output Low sink Voltage (CLK, DATA, SMBALERT#)
IOUT=3.5mA
VOL
0.4
VDC
Output Low sink current (CLK, DATA, SMBALERT#)
IOL
3.5
mA
Output High open drain leakage current
(CLK,DATA, SMBALERT#)
VOUT=5.5V
IOH
0
10
μA
Operating frequency range
Slave Mode
FPMB
10
400
kHz
Measurement System Characteristics
Clock stretching
tSTRETCH
25
ms


Similar Part No. - CAR1248FP_14

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1248FP-1A LINEAGEPOWER-CAR1248FP-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
More results

Similar Description - CAR1248FP_14

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Mitsumi Electronics, Co...
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com