Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHC615AU Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SHC615AU
Description  Wide-Bandwidth, DC RESTORATION CIRCUIT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SHC615AU Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button SHC615AU Datasheet HTML 6Page - Burr-Brown (TI) SHC615AU Datasheet HTML 7Page - Burr-Brown (TI) SHC615AU Datasheet HTML 8Page - Burr-Brown (TI) SHC615AU Datasheet HTML 9Page - Burr-Brown (TI) SHC615AU Datasheet HTML 10Page - Burr-Brown (TI) SHC615AU Datasheet HTML 11Page - Burr-Brown (TI) SHC615AU Datasheet HTML 12Page - Burr-Brown (TI) SHC615AU Datasheet HTML 13Page - Burr-Brown (TI) SHC615AU Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
®
SHC615
TYPICAL PERFORMANCE CURVES (CONT)
At R
Q = 300Ω, TA = +25°C, VCC = ±5V, unless otherwise noted.
INPUT RESISTANCE vs TOTAL QUIESCENT CURRENT
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
5
10152025303540
Total Quiescent Current, I
Q (mA)
TRANSCONDUCTANCE vs
TOTAL QUIESCENT CURRENT
40
30
20
10
0
0
5
10
15
20
25
Total Quiescent Current, I
Q (mA)
TRANSFER CHARACTERISTICS
6
4
2
0
–2
–4
–6
–0.2
–0.15
–0.1
–0.05
0
0.05
0.1
0.15
0.2
Input Voltage (V)
I
Q = ±25mA
I
Q = ±14mA
I
Q = ±5mA
TRANSCONDUCTANCE vs INPUT VOLTAGE
50
40
30
20
10
0
–10
–0.2
–0.15
–0.1
–0.05
0
0.05
0.1
0.15
0.2
Input Voltage (V)
I
Q = ±25mA
I
Q = ±14mA
I
Q = ±5mA
PROPAGATION DELAY vs TOTAL QUIESCENT CURRENT
3
4
3.5
3
2.5
2
1.5
1
8
131821283338
Total Quiescent Current, I
Q (mA)
Pos
Neg
COMMON-MODE REJECTION vs FREQUENCY
0
–20
–40
–60
–80
–100
Frequency (Hz)
1M
300k
10M
100M
1G


Similar Part No. - SHC615AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SHC615AU/2K5 TI1-SHC615AU/2K5 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
More results

Similar Description - SHC615AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
[Old version datasheet]   Wide-Bandwidth, DC Restoration Circuit
SHC615 TI1-SHC615 Datasheet
226Kb / 20P
[Old version datasheet]   Wide-Bandwidth, DC RESTORATION CIRCUIT
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089_05 Datasheet
179Kb / 9P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
   Video amplifier with DC restoration
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com