Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ17CA Datasheet(PDF) 7 Page - Socay Electornics Co., Ltd.

Part # SMBJ17CA
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMBJ17CA Datasheet(HTML) 7 Page - Socay Electornics Co., Ltd.

  SMBJ17CA Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMBJ17CA Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMBJ17CA Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMBJ17CA Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMBJ17CA Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMBJ17CA Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMBJ17CA Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
7 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMBJ Series
5.0 To 440 V
600W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Component
Package
Quantity
Packaging Option
Packaging
Specification
SMBJXXXXX
DO-214AA
500
Tape & Reel -12mm/7
″tape
EIA STD RS-481
Packaging
Tape and Reel Specifications
Direction of Feed
0.49
(12.4)
0.512(13.0)
Arbor Hole Diameter
7.0
(177.8)
Dimensions are in inches
(and millimeters)
0.36
(9.2)
0.157
(4.0)
0.059
(1.5)
Diameter
0.315
(8.0)
Cover tape
0.472
(12.0)


Similar Part No. - SMBJ17CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ17CA BYTES-SMBJ17CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
SMBJ17CA LITTELFUSE-SMBJ17CA Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
MDE Semiconductor, Inc.
SMBJ17CA MDE-SMBJ17CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMBJ17CA YANGJIE-SMBJ17CA Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
SMBJ17CA LUGUANG-SMBJ17CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ17CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com