Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA207 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA207
Description  High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA207 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PGA207 Datasheet HTML 1Page - Burr-Brown (TI) PGA207 Datasheet HTML 2Page - Burr-Brown (TI) PGA207 Datasheet HTML 3Page - Burr-Brown (TI) PGA207 Datasheet HTML 4Page - Burr-Brown (TI) PGA207 Datasheet HTML 5Page - Burr-Brown (TI) PGA207 Datasheet HTML 6Page - Burr-Brown (TI) PGA207 Datasheet HTML 7Page - Burr-Brown (TI) PGA207 Datasheet HTML 8Page - Burr-Brown (TI) PGA207 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
®
PGA206/207
TEMPERATURE
PRODUCT
GAINS
PACKAGE
RANGE
PGA206PA
1, 2, 4, 8V/V
16-Pin Plastic DIP
–40
°C to +85°C
PGA206P
1, 2, 4, 8V/V
16-Pin Plastic DIP
–40
°C to +85°C
PGA206UA
1, 2, 4, 8V/V
SOL-16 Surface-Mount
–40
°C to +85°C
PGA206U
1, 2, 4, 8V/V
SOL-16 Surface-Mount
–40
°C to +85°C
PGA207PA
1, 2, 5, 10V/V
16-Pin Plastic DIP
–40
°C to +85°C
PGA207P
1, 2, 5, 10V/V
16-Pin Plastic DIP
–40
°C to +85°C
PGA207UA
1, 2, 5, 10V/V
SOL-16 Surface-Mount
–40
°C to +85°C
PGA207U
1, 2, 5, 10V/V
SOL-16 Surface-Mount
–40
°C to +85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..................................................................................
±18V
Analog Input Voltage Range .............................................................
±40V
Logic Input Voltage Range ..................................................................
±V
S
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature ................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering –10s) .............................................. +300
°C
ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
Top View
DIP
SOL-16
V
O1
NC
NC
V
IN
V
IN
V
OS Adjust
V
OS Adjust
V–
A
1
A
0
Dig. Ground
V+
Sense
V
O
Ref
V
O2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+
NC: No Internal Connection
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
PGA206PA
16-Pin Plastic DIP
180
PGA206P
16-Pin Plastic DIP
180
PGA206UA
SOL-16 Surface Mount
211
PGA206U
SOL-16 Surface Mount
211
PGA207PA
16-Pin Plastic DIP
180
PGA207P
16-Pin Plastic DIP
180
PGA207UA
SOL-16 Surface Mount
211
PGA207U
SOL-16 Surface Mount
211
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.


Similar Part No. - PGA207

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA207 TI1-PGA207 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA207PA TI1-PGA207PA Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA207UA TI1-PGA207UA Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA207UA/1K TI1-PGA207UA/1K Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA207UAE4 TI1-PGA207UAE4 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_17 Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com