Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA204BU Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA204BU
Description  Programmable Gain INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA204BU Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PGA204BU Datasheet HTML 1Page - Burr-Brown (TI) PGA204BU Datasheet HTML 2Page - Burr-Brown (TI) PGA204BU Datasheet HTML 3Page - Burr-Brown (TI) PGA204BU Datasheet HTML 4Page - Burr-Brown (TI) PGA204BU Datasheet HTML 5Page - Burr-Brown (TI) PGA204BU Datasheet HTML 6Page - Burr-Brown (TI) PGA204BU Datasheet HTML 7Page - Burr-Brown (TI) PGA204BU Datasheet HTML 8Page - Burr-Brown (TI) PGA204BU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
®
PGA204/205
DICE INFORMATION
PAD
FUNCTION
1VO1
2—
3—
4V–IN
5V+IN
6VOS Adj
7VOS Adj
8V–
FPO
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
186 x 130
±5
4.72 x 3.30
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.1 x 0.1
Backing
Gold
Substrate Bias: Internally connected to V– power supply.
PGA204/205 DIE TOPOGRAPHY
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
NC: No Internal Connection.
V
O1
NC
NC
V
IN
V
+
IN
V
OS Adjust
V
OS Adjust
V–
A
1
A
0
Dig. Ground
V+
Feedback
V
O
Ref
V
O2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
PAD
FUNCTION
9VO2
10
Ref
11
VO
12
Feedback
13
V+
14
Dig. Ground
15
A0
16
A1


Similar Part No. - PGA204BU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA204BU TI1-PGA204BU Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204BU/1K TI1-PGA204BU/1K Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204BUE4 TI1-PGA204BUE4 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA204BU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_17 Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com