Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA202AG Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA202AG
Description  Digitally Controlled Programmable-Gain INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA202AG Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button PGA202AG Datasheet HTML 2Page - Burr-Brown (TI) PGA202AG Datasheet HTML 3Page - Burr-Brown (TI) PGA202AG Datasheet HTML 4Page - Burr-Brown (TI) PGA202AG Datasheet HTML 5Page - Burr-Brown (TI) PGA202AG Datasheet HTML 6Page - Burr-Brown (TI) PGA202AG Datasheet HTML 7Page - Burr-Brown (TI) PGA202AG Datasheet HTML 8Page - Burr-Brown (TI) PGA202AG Datasheet HTML 9Page - Burr-Brown (TI) PGA202AG Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
®
PGA202/203
8
GAIN SELECTION
Gain selection is accomplished by the application of a 2-bit
digital word to the gain select inputs. Table I shows the gains
for the different possible values of the digital input word.
The logic inputs are referred to their own separate digital
common pin, which can be connected to any voltage be-
tween the minus supply and 8V below the positive supply.
The gains are all internally trimmed to an initial accuracy of
better than 0.1%, so no external gain adjustment is required.
However, if necessary the gains can be increased by the use
of an external attenuator around the output stage as shown in
Figure 3. Recommended resistor values for certain selected
output gains are given in Table II.
PGA202
PGA203
A1
A0
GAIN
ERROR
GAIN
ERROR
0
0
1
0.05%
1
0.05%
0
1
10
0.05%
2
0.05%
1
0
100
0.05%
4
0.05%
1
1
1000
0.10%
8
0.05%
TABLE I. Software Gain Selection.
TABLE II. Output Stage Gain Control.
OUTPUT GAIN
R1
R2
25k
5k
52k
8k
10
1k
9k
FIGURE 3. Gain Increase with Buffered Attenuator.
COMMON-MODE INPUT RANGE
Unlike the classical three op amp type of circuit, the input
common-mode range of the PGA202/203 does not depend
on the differential input and the gain. In the standard three
op amp circuit, the input common-mode signal must be kept
below the maximum output voltage of the input amplifier
minus 1/2 the final output voltage. If, for example, these
amplifiers can swing
±12V, then to get 12V at the output you
must restrict the input common-mode voltage to only 6V.
The circuitry of the PGA202/203 is such that the common-
mode input range applies to either input pin regardless of the
output voltage.
FIGURE 4. Current Boosting the Output.
OUTPUT SENSE
An output sense has been provided to allow greater accuracy
in connecting the load. By attaching this feedback point to
the load at the load site, IR drops due to the load currents are
eliminated since they are inside the feedback loop. Proper
connection is shown in Figure 1. When more current is
required, a power booster can be placed in the feedback loop
as shown in Figure 4. Buffer errors are minimized by the
loop gain of the output amplifier.
OUTPUT FILTERING
The summing nodes of the output amplifier have also been
made available to allow for output filtering. By placing
matched capacitors in parallel with the existing internal
capacitors as shown in Figure 5, you can lower the fre-
quency response of the output amplifier. This will reduce the
noise of the amplifier, at the cost of a slower response. The
nominal frequency responses for some selected values of
capacitor are shown in Table III.
FIGURE 5. Output Filtering.
CUTOFF FREQUENCY
C1 AND C2
1MHz
None
100kHz
47pF
10kHz
525pF
TABLE III. Output Frequency vs Filter Capacitors.
PGA202
8
7
2
11 12
+
V
OUT
OPA633
V
IN
1
14
4
R
L
A
0
A
1
PGA202
8
7
4
11 12
+
V
OUT
+
V
IN
R
1
R
2
OPA602
PGA202
8
7
10
4
11
12
V
OUT
+
V
IN
5
C
EXT
C
EXT


Similar Part No. - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202AG TI1-PGA202AG Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606AG TI1-3606AG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com