Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA202AG Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA202AG
Description  Digitally Controlled Programmable-Gain INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA202AG Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PGA202AG Datasheet HTML 1Page - Burr-Brown (TI) PGA202AG Datasheet HTML 2Page - Burr-Brown (TI) PGA202AG Datasheet HTML 3Page - Burr-Brown (TI) PGA202AG Datasheet HTML 4Page - Burr-Brown (TI) PGA202AG Datasheet HTML 5Page - Burr-Brown (TI) PGA202AG Datasheet HTML 6Page - Burr-Brown (TI) PGA202AG Datasheet HTML 7Page - Burr-Brown (TI) PGA202AG Datasheet HTML 8Page - Burr-Brown (TI) PGA202AG Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
PGA202/203
3
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
Supply Voltage ...................................................................................
±18V
Internal Power Dissipation ............................................................. 750mW
Analog and Digital Inputs .....................................................
±(V
CC + 0.5V)
Operating Temperature Range:
G Package ............................................................... –55
°C to +125°C
P Package ............................................................... –40
°C to +100°C
Lead Temperature (soldering, 10s) .................................................. 300
°C
Output Short Circuit Duration ................................................... Continuous
Junction Temperature ...................................................................... 175
°C
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
PGA202KP
14-Pin Plastic DIP
010
PGA202AG
14-Pin Ceramic DIP
169
PGA202BG
14-Pin Ceramic DIP
169
PGA203KP
14-Pin Plastic DIP
010
PGA203AG
14-Pin Ceramic DIP
169
PGA203BG
14-Pin Ceramic DIP
169
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
Top View
DIP
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
TEMPERATURE
OFFSET VOLTAGE
MODEL
GAINS
PACKAGE
RANGE
MAX (mV)
PGA202KP
1, 10, 100, 1000
Plastic DIP
0
°C to +70°C
±(2 + 24/G)
PGA202AG
1, 10, 100, 1000
Ceramic DIP
–25
°C to +85°C
±(2 + 24/G)
PGA202BG
1, 10, 100, 1000
Ceramic DIP
–25
°C to +85°C
±(1 + 12/G)
PGA203KP
1, 2, 4, 8
Plastic DIP
0
°C to +70°C
±(2 + 24/G)
PGA203AG
1, 2, 4, 8
Ceramic DIP
–25
°C to +85°C
±(2 + 24/G)
PGA203BG
1, 2, 4, 8
Ceramic DIP
–25
°C to +85°C
±(1 + 12/G)
ORDERING INFORMATION
14
Digital Common
13
–V
12
V
11
V
Sense
10
Filter B
9
V
Adjust
8
+V
CC
OUT
OUT
OS
IN
A
1
A
2
+V
3
V
4
Filter A
5
V
Adjust
6
–V
7
CC
REF
OS
IN
1
0


Similar Part No. - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202AG TI1-PGA202AG Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
Texas Instruments
3606AG TI1-3606AG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com