Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA102KP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA102KP
Description  High Speed PROGRAMMABLE GAIN AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA102KP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PGA102KP Datasheet HTML 1Page - Burr-Brown (TI) PGA102KP Datasheet HTML 2Page - Burr-Brown (TI) PGA102KP Datasheet HTML 3Page - Burr-Brown (TI) PGA102KP Datasheet HTML 4Page - Burr-Brown (TI) PGA102KP Datasheet HTML 5Page - Burr-Brown (TI) PGA102KP Datasheet HTML 6Page - Burr-Brown (TI) PGA102KP Datasheet HTML 7Page - Burr-Brown (TI) PGA102KP Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
PGA102
5
SMALL SIGNAL STEP RESPONSE
Time (µs)
0
100
0
–100
G = 1
246
8
10
12
G = 10
G =100
SLEW RATE vs TEMPERATURE
Temperature (°C)
–60
13
12
11
10
9
8
7
–40
0
20
40
60
80
100
120
140
–20
Negative
Positive
SMALL SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
10
50
40
30
20
10
0
–10
1k
10k
100
100k
1M
10M
G =10
G = 100
G = 1
Large Signal
Large Signal
SETTLING TIME vs TEMPERATURE
Temperature (°C)
–60
10
9
8
7
6
5
4
3
2
1
0
–40
0
20
40
60
80
100
120
140
–20
G = 1, 10
G = 100
NONLINEARITY vs TEMPERATURE
Temperature (°C)
–60
.006
.005
.004
.003
.002
.001
0
–40
0
20
40
60
80
100
120
140
–20
G = 10
G = 100
G = 1
GAIN ERROR vs TEMPERATURE
Temperature (°C)
–60
0.1
.075
.05
.025
0
–.025
–.05
–40
0
20
40
60
80
100
120
140
–20
G = 100
G = 10
G = 1
TYPICAL PERFORMANCE CURVES
TA = +25°C, ±VCC = 15VDC unless otherwise noted.


Similar Part No. - PGA102KP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
PGA100AG MAXIM-PGA100AG Datasheet
523Kb / 8P
   Programmable Gain Amplifier
PGA100BG MAXIM-PGA100BG Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
PGA103P BURR-BROWN-PGA103P Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
More results

Similar Description - PGA102KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
[Old version datasheet]   High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Intersil Corporation
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
   Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com