Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA103U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA103U
Description  Programmable Gain AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA103U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PGA103U Datasheet HTML 1Page - Burr-Brown (TI) PGA103U Datasheet HTML 2Page - Burr-Brown (TI) PGA103U Datasheet HTML 3Page - Burr-Brown (TI) PGA103U Datasheet HTML 4Page - Burr-Brown (TI) PGA103U Datasheet HTML 5Page - Burr-Brown (TI) PGA103U Datasheet HTML 6Page - Burr-Brown (TI) PGA103U Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
®
PGA103
TYPICAL PERFORMANCE CURVES (CONT)
T
A = +25°C, VS = ±15V unless otherwise noted.
SMALL SIGNAL RESPONSE
2
µs/div
G=1
G=10
G=100
QUIESCENT CURRENT vs TEMPERATURE
4
3
2
1
0
–50
–25
0
25
50
75
100
125
Temperature (°C)
LARGE SIGNAL RESPONSE
2
µs/div
G=100
G=10
G=1
INPUT VOLTAGE NOISE vs FREQUENCY
1000
100
10
1
1
10
100
1k
10k
100k
1M
Frequency (Hz)
G=1
G=10
G=100
Bandwidth
Limited
INPUT CURRENT NOISE vs FREQUENCY
10
1
0.1
1
10
100
1k
10k
100k
1M
Frequency (Hz)
All Gains
100


Similar Part No. - PGA103U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103U TI1-PGA103U Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
PGA103UE4 TI1-PGA103UE4 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
More results

Similar Description - PGA103U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com