Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA103P Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA103P
Description  Programmable Gain AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA103P Datasheet(HTML) 7 Page - Burr-Brown (TI)

  PGA103P Datasheet HTML 1Page - Burr-Brown (TI) PGA103P Datasheet HTML 2Page - Burr-Brown (TI) PGA103P Datasheet HTML 3Page - Burr-Brown (TI) PGA103P Datasheet HTML 4Page - Burr-Brown (TI) PGA103P Datasheet HTML 5Page - Burr-Brown (TI) PGA103P Datasheet HTML 6Page - Burr-Brown (TI) PGA103P Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
®
PGA103
True
instrumentation
amplifier input.
FIGURE 4. Programmable Gain Instrumentation Amplifier.
PGA103
+15V
G = 0.1, 1, 10
V
IN
V
O
11.3k
D
1
–15V
A
1
A
0
D
1, D2; IN4148
102k
Accepts inputs
to ±120V.
A
1
A
0
D
2
PGA205
PGA103
V
IN
V
IN
+
V+ V
V+ V
G
1 = 1, 2, 4, 8
G
2 = 1, 10, 100
2
1
3
7
6
8
G = G
1 • G2
4
A
1
A
0
1
2
4
8
10
20
40
80
100
200
400
800
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
GAIN
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
V
O
MODEL
CHARACTERISTICS
INA103
Low Noise, 1nV/
√Hz IA
INA105
G = 1 Difference Amp
INA106
G = 10 Difference Amp
INA114
Resistor-Programmed Gain, Precision
INA117
±200V C-M Input Range Difference Amp
INA111
FET Input, High Speed IA
INA131
Precision, G = 100 IA
FIGURE 6. Instrumentation Amplifier with Programmable Gain Output Amp.
FIGURE 5. Wide Input Voltage Range Amplifer.
INA
PGA103
V
IN
V
IN
+
G
1
G
2 = 1, 10, 100
G = G
1 • G2
A
1
V
O
A
0


Similar Part No. - PGA103P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103P TI1-PGA103P Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
More results

Similar Description - PGA103P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
   Programmable Gain Instrumentation Amplifier
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com