Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM69 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM69
Description  Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM69 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button PCM69 Datasheet HTML 5Page - Burr-Brown (TI) PCM69 Datasheet HTML 6Page - Burr-Brown (TI) PCM69 Datasheet HTML 7Page - Burr-Brown (TI) PCM69 Datasheet HTML 8Page - Burr-Brown (TI) PCM69 Datasheet HTML 9Page - Burr-Brown (TI) PCM69 Datasheet HTML 10Page - Burr-Brown (TI) PCM69 Datasheet HTML 11Page - Burr-Brown (TI) PCM69 Datasheet HTML 12Page - Burr-Brown (TI) PCM69 Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
®
11
PCM67/69A
FIGURE 12. PCM67/69A THD+N Production Test.
FIGURE 13. Single +5V Power Supply, with LPF, I/V Amp Application Circuit for Portable Digital Audio.
+ C
12
2200pF
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
PCM67
or
PCM69A
A
1
+ C
6
100
µF
R
4
680
R
3
680
C
8
10
µF
C
5
10
µF
C
4
10
µF
1000pF
C
10
R
5
2k
+5V
1000pF
C
9
R
6
2k
C
3
100
µF
+
R
2
680
R
1
680
C
7
10
µF
C
2
100
µF
+
C
1
0.1
µF
+
V
CC
(+5V)
A
2
R
7
200
+ C
11
2200pF
R
8
200
OUT R-ch
2.5V
± 1.2V
OUT L-ch
2.5V
± 1.2V
Digital
In
A
1, A2; NJM2100 or LM833
Distortion
Analyzer
Use 400Hz High-Pass
Filter and 30kHz
Low-Pass Filter
Meter Settings
Programmable
Gain Amp
0dB to 60dB
Low-Pass
Filter
40kHz 3rd-Order
GIC Type
Parallel-to-Serial
Conversion
Digital Code
(EPROM)
Binary
Counter
Timing
Logic
Bit Clock
Sampling Rate = 44.1kHz x 8 (352.8kHz)
Output Frequency = 991Hz
(Shiba Soku Model
725 or Equivalent)
I-to-V
Converter
OPA627
System Clock
Word Clock
DUT
(PCM67/69A)


Similar Part No. - PCM69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 164P
[Old version datasheet]   PCM6480-Q1 Automotive, 8-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020QRTVRQ1 TI-PCM6020QRTVRQ1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
logo
Burr-Brown (TI)
PCM61 BURR-BROWN-PCM61 Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM6120-Q1 TI-PCM6120-Q1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results

Similar Description - PCM69

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702P BURR-BROWN-PCM1702P Datasheet
129Kb / 8P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
   18-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
   24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
   High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com