Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM69 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM69
Description  Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM69 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM69 Datasheet HTML 1Page - Burr-Brown (TI) PCM69 Datasheet HTML 2Page - Burr-Brown (TI) PCM69 Datasheet HTML 3Page - Burr-Brown (TI) PCM69 Datasheet HTML 4Page - Burr-Brown (TI) PCM69 Datasheet HTML 5Page - Burr-Brown (TI) PCM69 Datasheet HTML 6Page - Burr-Brown (TI) PCM69 Datasheet HTML 7Page - Burr-Brown (TI) PCM69 Datasheet HTML 8Page - Burr-Brown (TI) PCM69 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
®
5
PCM67/69A
CHANNEL SEPARATION vs SIGNAL FREQUENCY
115
110
105
100
95
100
500
1k
2k
4k
8k 16k
f (Hz)
… 128k
0.01%
0.001%
0.002%
0.005%
384
48
fs (Hz)
1.0%
0.1%
0.2%
0.5%
THD vs SYSTEM CLOCK FREQUENCY
192
96
–60dB
F/S
fs = 44.1kHz
GAIN ERROR / V
COM vs TEMPERATURE
3
2
1
0
–1
–2
–3
Temperature (%)
–25
0
25
3.70
3.60
3.50
3.40
50
75
100
85
0.01%
0.001%
0.002%
0.005%
–25
0
25
50
85
100
Temperature (°C)
1.0%
0.1%
0.2%
0.5%
THD vs TEMPERATURE
–60dB
F/S
GAIN ERROR / V
COM vs POWER SUPPLY
3
2
1
0
–1
–2
–3
V
CC (V)
4.75
5.0
5.25
Gain Error
V
COM
3.70
3.60
3.50
3.40
0.01%
0.005%
0.002%
0.001%
4.75
5.0
5.25
V
CC (V)
THD vs POWER SUPPLY VOLTAGE
1.0%
0.5%
0.2%
0.1%
F/S
–60dB
TYPICAL PERFORMANCE CURVES
All specifications at +25
°C and V
CC = +5.0V unless otherwise noted.


Similar Part No. - PCM69

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 164P
[Old version datasheet]   PCM6480-Q1 Automotive, 8-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020QRTVRQ1 TI-PCM6020QRTVRQ1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
logo
Burr-Brown (TI)
PCM61 BURR-BROWN-PCM61 Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM6120-Q1 TI-PCM6120-Q1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results

Similar Description - PCM69

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702P BURR-BROWN-PCM1702P Datasheet
129Kb / 8P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
   18-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1625 TI-ADS1625 Datasheet
846Kb / 37P
[Old version datasheet]   18-Bit, 1.25MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
   24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
   High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
   18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com