Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM78P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM78P
Description  16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM78P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM78P Datasheet HTML 1Page - Burr-Brown (TI) PCM78P Datasheet HTML 2Page - Burr-Brown (TI) PCM78P Datasheet HTML 3Page - Burr-Brown (TI) PCM78P Datasheet HTML 4Page - Burr-Brown (TI) PCM78P Datasheet HTML 5Page - Burr-Brown (TI) PCM78P Datasheet HTML 6Page - Burr-Brown (TI) PCM78P Datasheet HTML 7Page - Burr-Brown (TI) PCM78P Datasheet HTML 8Page - Burr-Brown (TI) PCM78P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
®
PCM78
3
PIN
NAME
I/O
DESCRIPTION
1
Analog In
I
Analog Signal Input (1.5k
Ω impedance).
2–VCC
I
Analog power supply (–5V to –15V).
3
MSB Adjust
I
Internal adjustment point to allow adjustment of MSB major carry.
4+VDD
I
Power connection for comparator (+5V).
5
No Connection
No internal connection.
6
Comparator Common
I
Comparator common connection. Connect to ground.
7
MSB
O
Parallel output of bit 1 (MSB) inverted.
8
BTC/BOB Select
I
Two’s complement (open) or straight binary (grounded) data output format selection.
9
Status
O
Output signal held high until conversion is complete.
10
Clock Out
O
Internal clock output generated from RC network on pins 11 and 12 (also present when external clock is used lagging
external clock by ~24ns and same duty cycle).
11
R1C1
I
RC connection point used to generate internal clock. Sets clock high time. See text for details.
12
R2C2
I
RC connection point used to generate internal clock. Sets clock low time. See text for details.
13
SOUT2
O
Internal shift register containing the previous conversion result. (Alternate latched data output mode).
14
+VDD
I
Power connection for +5V logic supply.
15
SOUT1
O
Primary real-time data output synchronized to clock out.
16
External Clock
I
External clock input point (internal clock must be disabled).
17
Int/Ext Clock Select
I
Selects either internal or external clock mode (low = internal; open = external).
18
Short Cycle
I
Terminates conversion at less than 16 bits (open for 16-bit mode). See text for details.
19
Convert Command
I
Starts conversion process (can optionally be generated internally).
20
SOUT2 Latch
I
Latches previous conversion result for readout (must be issued with the SOUT2 clock to initiate latch and an internal convert
command).
21
SOUT2 Clock
I
Used to read out internally latched data from previous conversion.
22
Digital Common
I
Digital grounding pin.
23
+VCC
I
Analog supply connection (+5V to +15V).
24
VPOT
O
Voltage output (~2.5V) for optional adjustment of MSB transition.
25
Reference Decouple
I
Reference decoupling point.
26
Analog Common
I
Analog grounding pin.
27
Reference Out
O
2V reference out. Should not be used except as shown in connection diagram.
28
Speed Up
I
Connection point for a capacitor to speed reference settling. See text for details.
NOTE: Analog and digital commons are connected internally.
PIN ASSIGNMENTS
ABSOLUTE MAXIMUM RATINGS
+VCC to Analog Common ......................................................... 0 to +16.5V
–VCC to Analog Common ......................................................... 0 to –16.5V
–VDD to Analog Common .............................................................. 0 to +7V
Analog Common to Digital Common .................................................
±0.5V
Logic Inputs to Digital Common ................................. –0.3V to VDD + 0.5V
Analog Inputs to Analog Common ..................................................
±16.5V
Lead Temperature (soldering, 10s) ................................................ +300
°C
Stresses above these ratings may permanently damage the device.
DIGITAL OUTPUT
ANALOG INPUT
CONDITION
BTC
BOB
+2.999908V
+ Full Scale
7FFF Hex
FFFF Hex
–3.000000V
–Full Scale
8000 Hex
0000 Hex
0.000000V
Bipolar Zero
0000 Hex
8000 Hex
–0.000092V
Zero-1 LSB
FFFF Hex
7FFF Hex
INPUT/OUTPUT RELATIONSHIPS
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
PCM78P
28-Pin Plastic DIP
215
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - PCM78P

ManufacturerPart #DatasheetDescription
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
   Ultraminiature Surface Mount Slide Switches
PCM CK-COMPONENTS-PCM Datasheet
322Kb / 3P
   Ultraminiature Surface Mount Slide Switches
16 Mar 22
logo
PANDUIT CORP.
PCM-0 PANDUIT-PCM-0 Datasheet
104Kb / 4P
   Pre-Printed Marker Cards PCM Type
PCM-0-9 PANDUIT-PCM-0-9 Datasheet
104Kb / 4P
   Pre-Printed Marker Cards PCM Type
PCM-1-10 PANDUIT-PCM-1-10 Datasheet
104Kb / 4P
   Pre-Printed Marker Cards PCM Type
More results

Similar Description - PCM78P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
   16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
PCM66P BURR-BROWN-PCM66P Datasheet
92Kb / 7P
   16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com