Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM55JP Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM55JP
Description  16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM55JP Datasheet(HTML) 7 Page - Burr-Brown (TI)

  PCM55JP Datasheet HTML 1Page - Burr-Brown (TI) PCM55JP Datasheet HTML 2Page - Burr-Brown (TI) PCM55JP Datasheet HTML 3Page - Burr-Brown (TI) PCM55JP Datasheet HTML 4Page - Burr-Brown (TI) PCM55JP Datasheet HTML 5Page - Burr-Brown (TI) PCM55JP Datasheet HTML 6Page - Burr-Brown (TI) PCM55JP Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
®
PCM54/55
7
Due to the fast settling time of the PCM54-V, it is possible
to minimize the delay between the left channel and right
channel outputs when using a single D/A converter for both
channels. This is important because the left and right chan-
nel data is recorded in phase and use of a slower D/A
converter would result in significant phase error at the
higher audio frequencies.
A low-pass filter is required at the S/H output to remove all
unwanted frequency components caused by the sampling
frequency as well as the discrete nature of the D/A converter
output. The filter must have a flat amplitude response over
the entire audio band (0 to 20kHz) and a very high attenu-
ation above 20kHz. Most previous digital audio circuits used
a high-order (9-13 pole) analog filter. However, the phase
response of an analog filter with these amplitude character-
istics is nonlinear and can disturb the pulse-shaped charac-
teristics of the transients contained in music.
INSTALLATION
CONSIDERATIONS
If the optional external MSB error circuitry is used (PCM54),
a potentiometer with adequate resolution and a TCR of
100ppm/
°C or less is required. Also, extra care must be
taken to insure that no leakage path (either AC or DC) exists
to pin 27 (PCM54). If circuit is not used, pin 1 (PCM54)
should be terminated to common with a 0.01
µF capacitor.
The PCM converter and the wiring to its connectors should
be located to provide the optimum isolation from sources of
RFI and EMI. The important consideration in the elimina-
tion of RF radiation or pickup is loop area; therefore, signal
leads and their return conductors should be kept close
together. This reduces the external magnetic field along with
any radiation. Also, if a signal lead and its return conductor
are wired close together, they represent a small flux-capture
cross section for any external field. This reduces radiation
pickup in the circuit.
APPLICATIONS
A sample/hold amplifier, or “deglitcher”, is required at the
output of the D/A converter for both the left and right
channel, as shown in Figure 7. The S/H amplifier for the left
channel is composed of A
2, SW1, and associated circuitry. A2
is used as an integrator to hold the analog voltage in C
1.
Since the source and drain of the FET switch operates at a
virtual ground when “C” and “B” are closed in the simple
mode, there is no increase in distortion caused by the
modulation effect of R
ON by the audio signal.
Figure 8 shows the deglitcher control signals for both the left
and right channels which are produced by the timing control
logic. A delay of 2.5
µs (tω) is provided to eliminate the
glitch and allow the output of the PCM54-V to settle within
a small error band around its final value before connecting
it to the channel output.
PCM54/55
A
1
C
1
C
A
B
SW
1
Left Channel Output to LPF
and Other Circuits
Left Channel
Deglitcher Control
RR
RR
A
2
C
2
C
A
B
SW
2
Right Channel Output to LPF
and Other Circuits
A
1, A2 ATE
OPA101 or OPA404
Right Channel
Deglitcher Control
Data to
DAC
A LOW signal on the
deglitcher control closes switch “A”,
while a HIGH signal closes switch “B”.
FIGURE 7. A Sample/Hold Amplifier (deglitcher) is Re-
quired at the Digital-to-Analog Output for Both
Left and Right Channels.
Right Channel Data N
Left Channel Data N
Right Channel Data N+1
Left Channel Data N+1
44.1kHz
Delay Between Left and Right Channel
Data for DAC
Right Channel
Deglitcher Control
Left Channel
Deglitcher Control
The deglitcher control signals are generated by the timing control logic. The fast settling time of the
PCM54/55 makes it possible to minimize the delay between left and right channels to approximately 4.5
µs
which reduces phase error at the higher audio frequencies.
t
S
t
W
FIGURE 8. Timing Diagram for the Deglitcher Control Signals.


Similar Part No. - PCM55JP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM55 TI1-PCM55 Datasheet
299Kb / 10P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTERS
PCM55HP TI1-PCM55HP Datasheet
299Kb / 10P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTERS
PCM55HP-1 TI1-PCM55HP-1 Datasheet
299Kb / 10P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTERS
PCM55HP-1G6 TI1-PCM55HP-1G6 Datasheet
299Kb / 10P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTERS
PCM55HP/1K TI1-PCM55HP/1K Datasheet
299Kb / 10P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - PCM55JP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com