Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3501E Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3501E
Description  Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3501E Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM3501E Datasheet HTML 1Page - Burr-Brown (TI) PCM3501E Datasheet HTML 2Page - Burr-Brown (TI) PCM3501E Datasheet HTML 3Page - Burr-Brown (TI) PCM3501E Datasheet HTML 4Page - Burr-Brown (TI) PCM3501E Datasheet HTML 5Page - Burr-Brown (TI) PCM3501E Datasheet HTML 6Page - Burr-Brown (TI) PCM3501E Datasheet HTML 7Page - Burr-Brown (TI) PCM3501E Datasheet HTML 8Page - Burr-Brown (TI) PCM3501E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
®
3
PCM3501
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN
product for use in life support devices and/or systems.
Supply Voltage, +VDD, +VCC(1) .......................................................... +6.5V
Supply Voltage Differences(2) ...........................................................
±0.1V
GND Voltage Differences(3) .......................................................................................
±0.1V
Digital Input Voltage ................................................... –0.3V to VDD + 0.3V
Input Current (any pins except supply) ...........................................
±10mA
Power Dissipation .......................................................................... 300mW
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 5s) .................................................. +260
°C
(reflow, 10s) ................................................................................ +235
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM3501E
24-Lead SSOP
338
–25
°C to +85°C
PCM3501E
PCM3501E
Rails
"
"
"
"
"
PCM3501E/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2,000 pieces
of “PCM3501E/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
NOTES: (1) V
CC, VDD. (2) Among VCC, VDD. (3) Among AGND, DGND.


Similar Part No. - PCM3501E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3501E TI1-PCM3501E Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3501E/2K TI1-PCM3501E/2K Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3501E/2KG4 TI1-PCM3501E/2KG4 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3501EG4 TI1-PCM3501EG4 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
More results

Similar Description - PCM3501E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Texas Instruments
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
[Old version datasheet]   VOICE/MODEM CODEC
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com