Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3006T Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM3006T
Description  16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3006T Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button PCM3006T Datasheet HTML 2Page - Burr-Brown (TI) PCM3006T Datasheet HTML 3Page - Burr-Brown (TI) PCM3006T Datasheet HTML 4Page - Burr-Brown (TI) PCM3006T Datasheet HTML 5Page - Burr-Brown (TI) PCM3006T Datasheet HTML 6Page - Burr-Brown (TI) PCM3006T Datasheet HTML 7Page - Burr-Brown (TI) PCM3006T Datasheet HTML 8Page - Burr-Brown (TI) PCM3006T Datasheet HTML 9Page - Burr-Brown (TI) PCM3006T Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
®
6
PCM3006
TYPICAL PERFORMANCE CURVES
DAC SECTION
At TA = +25°C, VCC = VDD = 3.0V, fS = 44.1kHz, fSYSCLK = 384fS, and fSIGNAL = 1kHz, unless otherwise noted.
THD+N vs TEMPERATURE
Temperature (°C)
0.010
0.008
0.006
0.004
0.002
–25
0
25
50
75
85
100
4.0
3.0
2.0
1.0
0
FS
–60dB
DYNAMIC RANGE and SNR vs TEMPERATURE
Temperature (°C)
96
94
92
90
88
–25
0
25
50
75
85
100
96
94
92
90
88
SNR
Dynamic Range
THD+N vs SUPPLY VOLTAGE
Supply Voltage (V)
0.010
0.008
0.006
0.004
0.002
2.4
2.7
3.0
3.3
3.6
4.0
3.0
2.0
1.0
0
–60dB
FS
DYNAMIC RANGE and SNR vs SUPPLY VOLTAGE
Supply Voltage (V)
96
94
92
90
88
2.4
2.7
3.0
3.3
3.6
96
94
92
90
88
SNR
Dynamic Range
THD+N vs SAMPLING FREQUENCY
and SYSTEM CLOCK
f
S (kHz)
0.010
0.008
0.006
0.004
0.002
32
44.1
48
4.0
3.0
2.0
1.0
0
–60dB
384f
S
256f
S, 512fS
384f
S
256f
S, 512fS
FS
DYNAMIC RANGE and SNR
vs SAMPLING FREQUENCY and SYSTEM CLOCK
f
S (kHz)
96
94
92
90
88
32
44.1
48
96
94
92
90
88
384f
S
256f
S, 512fS
SNR
Dynamic
Range


Similar Part No. - PCM3006T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3006T TI1-PCM3006T Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3006T/2K TI1-PCM3006T/2K Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3006T/2KG6 TI1-PCM3006T/2KG6 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3006TG6 TI1-PCM3006TG6 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
More results

Similar Description - PCM3006T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com