Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3003E Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003E
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003E Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM3003E Datasheet HTML 1Page - Burr-Brown (TI) PCM3003E Datasheet HTML 2Page - Burr-Brown (TI) PCM3003E Datasheet HTML 3Page - Burr-Brown (TI) PCM3003E Datasheet HTML 4Page - Burr-Brown (TI) PCM3003E Datasheet HTML 5Page - Burr-Brown (TI) PCM3003E Datasheet HTML 6Page - Burr-Brown (TI) PCM3003E Datasheet HTML 7Page - Burr-Brown (TI) PCM3003E Datasheet HTML 8Page - Burr-Brown (TI) PCM3003E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
®
PCM3002/3003
4
V
CC1
V
CC1
V
INR
V
REFL
V
REFR
V
INL
PDAD
PDDA
SYSCLK
LRCIN
BCKIN
DOUT
V
CC2
AGND1
AGND2
V
COM
V
OUTR
V
OUTL
DEM0
DEM1
20BIT
DIN
V
DD
DGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PCM3003
V
CC1
V
CC1
V
INR
V
REFL
V
REFR
V
INL
RST
ML
SYSCLK
LRCIN
BCKIN
DOUT
V
CC2
AGND1
AGND2
V
COM
V
OUTR
V
OUTL
MC
MD
ZFLG
DIN
V
DD
DGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PCM3002
PIN CONFIGURATION—PCM3002
PIN CONFIGURATION—PCM3003
Top View
SSOP
Top View
SSOP
PIN
NAME
I/O
DESCRIPTION
1VCC1
ADC Analog Power Supply
2VCC1
ADC Analog Power Supply
3VINR
IN
ADC Analog Input, Rch
4VREFL
ADC Reference, Lch
5VREFR
ADC Reference, Rch
6VINL
IN
ADC Analog Input, Lch
7
RST
IN
Reset, Active LOW(1, 2)
8
ML
IN
Strobe Pulse for Mode Control(1, 2)
9
SYSCLK
IN
System Clock Input(2)
10
LRCIN
IN
Sample Rate Clock Input (fS)(2)
11
BCKIN
IN
Bit Clock Input(2)
12
DOUT
OUT
Data Output
13
DGND
Digital Ground
14
VDD
Digital Power Supply
15
DIN
IN
Data Input(2)
16
ZFLG
OUT
Zero Flag Output, Active LOW(3)
17
MD
IN
Serial Data for Mode Control(1, 2)
18
MC
IN
Bit Clock for Mode Control(1, 2)
19
VOUTL
OUT
DAC Analog Output, Lch
20
VOUTR
OUT
DAC Analog Output, Rch
21
VCOM
ADC/DAC Common
22
AGND2
DAC Analog Ground
23
AGND1
ADC Analog Ground
24
VCC2
DAC Analog Power Supply
NOTES: (1) With 100k
Ω typical internal pull-down resistor. (2) Schmitt-Trigger
input. (3) Open drain output.
PIN ASSIGNMENTS—PCM3002
PIN
NAME
I/O
DESCRIPTION
1VCC1
ADC Analog Power Supply
2VCC1
ADC Analog Power Supply
3VINR
IN
ADC Analog Input, Rch
4VREFL
ADC Reference, Lch
5VREFR
ADC Reference, Rch
6VINL
IN
ADC Analog Input, Lch
7
PDAD
IN
ADC Power Down, Active LOW(1, 2)
8
PDDA
IN
DAC Power Down, Active LOW(1, 2)
9
SYSCLK
IN
System Clock Input(2)
10
LRCIN
IN
Sample Rate Clock Input (fS)(2)
11
BCKIN
IN
Bit Clock Input(2)
12
DOUT
OUT
Data Output
13
DGND
Digital Ground
14
VDD
Digital Power Supply
15
DIN
IN
Data Input
16
20BIT
IN
20-Bit Format Select(1, 2)
17
DEM1
IN
De-emphasis Control(1, 2)
18
DEM0
IN
De-emphasis Control 0(1, 2)
19
VOUTL
OUT
DAC Analog Output, Lch
20
VOUTR
OUT
DAC Analog Output, Rch
21
VCOM
ADC/DAC Common
22
AGND2
DAC Analog Ground
23
AGND1
ADC Analog Ground
24
VCC2
DAC Analog Power Supply
NOTE: (1) With 100k
Ω typical internal pull-down resistor. (2) Schmitt-Trigger
input.
PIN ASSIGNMENTS—PCM3003


Similar Part No. - PCM3003E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3003E BURR-BROWN-PCM3003E Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003E/2K BURR-BROWN-PCM3003E/2K Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003E/2KG4 BURR-BROWN-PCM3003E/2KG4 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003EG4 BURR-BROWN-PCM3003EG4 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
More results

Similar Description - PCM3003E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
PCM3008 TI-PCM3008 Datasheet
424Kb / 27P
[Old version datasheet]   LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com