Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1760 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1760
Description  Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1760 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM1760 Datasheet HTML 1Page - Burr-Brown (TI) PCM1760 Datasheet HTML 2Page - Burr-Brown (TI) PCM1760 Datasheet HTML 3Page - Burr-Brown (TI) PCM1760 Datasheet HTML 4Page - Burr-Brown (TI) PCM1760 Datasheet HTML 5Page - Burr-Brown (TI) PCM1760 Datasheet HTML 6Page - Burr-Brown (TI) PCM1760 Datasheet HTML 7Page - Burr-Brown (TI) PCM1760 Datasheet HTML 8Page - Burr-Brown (TI) PCM1760 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
®
5
PCM1760P/U DF1760P/U
BLOCK DIAGRAM OF PCM1760
+V
CC
4
C
2R
R
T1R
R
IN2R
C
1R
R
IN1R
C
4R
R
Z1R
R
T2R
C
3R
C
2L
R
T1L
R
IN2L
C
1L
C
4L
R
T2L
C
3L
R
IN1L
R
Z1L
3
2
1
28
27
+
11
12
13
14
15
16
+
NC
In-1L
In-2L
Out-1L
Out-2L
NC
BPODC-L
In-1R
In-2R
Out-2R
BPODC-R
1R
2R
1L
2L
RCH
S/H
LCH
S/H
S/H
INL
LCH
BPO
RCH
BPO
S/H
INR
RCH
DAC
RCH
ADC
LCH
DAC
LCH
ADC
I
OUTL
I
OUTL
I
OUTR
I
OUTR
Band Gap
Bias
Servo
Amp
21
DGND
+
+
20
22
23
24
25
26
19
18
17
+V
DD
D
0
D
1
D
2
D
3
–V
DD
256fs
Strobe
L/R CK
+5V
–5V
D
e
c
o
d
e
r
T
i
m
i
n
g
C
T
L
AGND
–V
CC
+
+
+5V
–5V
7
8
6
Sub
SERVO
DC
5
+
+
BGDC
9
NC
10
External Components Condition
RIN 1R/L
2.2k
C1, C2 R/L
2200pF
RTIR/L
470
RIN 2R/L
1.3k
C3, C4 R/L
1800pF
RT2 R/L
560
RZ1 R/L
1.2k
RCH, V
IN
Out-1R
LCH, V
IN


Similar Part No. - PCM1760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1760P TI1-PCM1760P Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
PCM1760P-L TI1-PCM1760P-L Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
PCM1760U TI1-PCM1760U Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
PCM1760U-L TI1-PCM1760U-L Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
PCM1760U-L/1K TI1-PCM1760U-L/1K Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
More results

Similar Description - PCM1760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DF1760P TI1-DF1760P Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
logo
Maxim Integrated Produc...
MAX1292EVKIT MAXIM-MAX1292EVKIT Datasheet
283Kb / 5P
   12-Bit Analog-to-Digital Conversion
Rev 1; 12/99
logo
Burr-Brown (TI)
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com