Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1737 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1737
Description  24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1737 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM1737 Datasheet HTML 1Page - Burr-Brown (TI) PCM1737 Datasheet HTML 2Page - Burr-Brown (TI) PCM1737 Datasheet HTML 3Page - Burr-Brown (TI) PCM1737 Datasheet HTML 4Page - Burr-Brown (TI) PCM1737 Datasheet HTML 5Page - Burr-Brown (TI) PCM1737 Datasheet HTML 6Page - Burr-Brown (TI) PCM1737 Datasheet HTML 7Page - Burr-Brown (TI) PCM1737 Datasheet HTML 8Page - Burr-Brown (TI) PCM1737 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
®
2
PCM1737
SPECIFICATIONS
All specifications at +25
°C, +V
CC = +5V, +VDD = +3.3V, system clock = 384fS (fS = 44.1kHz) and 24-bit data, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PCM1737E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
DATA FORMAT
Audio Data Interface Formats
User Selectable
Standard, I2S, Left-Justified
Audio Data Bit Length
User Selectable
16-, 18-, 20-, 24-Bit
Audio Data Format
MSB-First, Binary Two’s Complement
System Clock Frequency
128, 192, 256, 384, 512, 768fS
Sampling Frequency (fS)
10
200
kHz
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible
Input Logic Level
VIH
2.0
V
VIL
0.8
V
Input Logic Current
IIH
VIN = VDD
0.1
µA
IIL
VIN = 0V
–0.1
µA
IIH(1)
VIN = VDD
65
100
µA
IIL(1)
VIN = 0V
–0.1
µA
Output Logic Current, Pin 25 (MDO)
IIZH
At Output Disable, VIN = VDD
2.0
µA
IIZL
At Output Disable, VIN = 0V
–0.1
µA
Output Logic Level
VOH(2)
IOH = –2mA
2.4
V
VOL(2)
IOL = +2mA
1.0
V
VOH(3)
IOH = –4mA
2.4
V
VOL(3)
IOL = +4mA
1.0
V
DYNAMIC PERFORMANCE(4)
THD+N, VOUT = 0dB
fS = 44.1kHz, SCLK = 384fS
0.0015
0.0035
%
fS = 96kHz, SCLK = 256fS
0.0020
0.0050
%
fS = 192kHz, SCLK = 128fS
0.0025
0.0060
%
VOUT = –60dB
fS = 44.1kHz
0.6
0.8
%
fS = 96kHz
0.7
1.0
%
fS = 192kHz
0.8
1.2
%
Dynamic Range
EIAJ, A-Weighted, fS =44.1kHz
102
106
dB
A-Weighted, fS = 96kHz
100
105
dB
A-Weighted, fS =192kHz
98
104
dB
Signal-to-Noise Ratio(5)
EIAJ, A-Weighted, fS =44.1kHz
100
105
dB
A-Weighted, fS = 96kHz
100
104
dB
A-Weighted, fS = 192kHz
100
104
dB
Channel Separation
fS = 44.1kHz
96
102
dB
fS = 96kHz
101
dB
fS = 192kHz
96
102
dB
DC ACCURACY
Gain Error
±1.0
±3.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±3.0
% of FSR
Bipolar Zero Error
VO = 0.5VCC at Bipolar Zero
±30
±60
mV
ANALOG OUTPUT
Output Voltage
Full Scale (0dB)
62% of VCC
Vp-p
Center Voltage
50% VCC
V
Load Impedance
AC Load
5
k
DIGITAL FILTER PERFORMANCE
Filter Characteristic, Sharp Roll-Off
Passband
±0.002dB
0.454fS
Hz
–3dB
0.490fS
Hz
Stopband
0.546fS
Hz
Passband Ripple
±0.002
dB
Stopband Attenuation
Stopband = 0.546fS
–75
dB
Stopband = 0.567fS
–82
dB
Filter Characteristics, Slow Roll-Off 1
Passband
±0.002dB
0.274fS
Hz
–3dB
0.454fS
Hz
Stopband
0.732fS
Hz
Passband Ripple
±0.002
dB
Stopband Attenuation
Stopband = 0.732fS
–82
dB


Similar Part No. - PCM1737

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1737 TI1-PCM1737 Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1737E TI1-PCM1737E Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1737E/2K TI1-PCM1737E/2K Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1737EG4 TI1-PCM1737EG4 Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1737 TI1-PCM1737_15 Datasheet
408Kb / 32P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1737

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
   24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
   24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1602 TI-PCM1602 Datasheet
453Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1608 TI-PCM1608 Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
   24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com