Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN3904 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # STN3904
Description  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STN3904 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STN3904 Datasheet HTML 1Page - KODENSHI_AUK CORP. STN3904 Datasheet HTML 2Page - KODENSHI_AUK CORP. STN3904 Datasheet HTML 3Page - KODENSHI_AUK CORP. STN3904 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0A007-000
1
STN3904
NPN Silicon Transistor
PIN Connection
C
B
E
TO-92
Descriptions
• General small signal amplifier
• Switching application
Features
• Low collector saturation voltage
• Collector output capacitance
• Complementary pair with STN3906
Ordering Information
Type NO.
Marking
Package Code
STN3904
STN3904
TO-92
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
40
V
Emitter-Base voltage
VEBO
6
V
Collector current
IC
100
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=10μA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
40
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10μA, IC=0
6
-
-
V
Collector cut-off current
ICBO
VCB=60V, IE=0
-
-
0.1
μA
DC current gain
hFE
VCE=1V, IC=10mA
100
-
300
-
Collector-Emitter saturation voltage
VCE(sat)
IC=50mA, IB=5mA
-
-
0.4
V
Transition frequency
fT
VCE=20V, IC=10mA
300
-
-
MHz
Collector output capacitance
Cob
VCE=5V, IE=0, f=1MHz
-
-
4
pF


Similar Part No. - STN3904

ManufacturerPart #DatasheetDescription
logo
AUK corp
STN3904 AUK-STN3904 Datasheet
87Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STN3904 KODENSHI-STN3904 Datasheet
211Kb / 4P
   NPN Silicon Transistor
logo
AUK corp
STN3904S AUK-STN3904S Datasheet
85Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STN3904S KODENSHI-STN3904S Datasheet
265Kb / 4P
   NPN Silicon Transistor
STN3904S KODENSHI-STN3904S Datasheet
265Kb / 4P
   NPN Silicon Transistor
More results

Similar Description - STN3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com