Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1732 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1732
Description  24-Bit, 96kHz, Stereo Audio DIGITAL-TO-ANALOG CONVERTER With HDCD Decoder
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1732 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM1732 Datasheet HTML 1Page - Burr-Brown (TI) PCM1732 Datasheet HTML 2Page - Burr-Brown (TI) PCM1732 Datasheet HTML 3Page - Burr-Brown (TI) PCM1732 Datasheet HTML 4Page - Burr-Brown (TI) PCM1732 Datasheet HTML 5Page - Burr-Brown (TI) PCM1732 Datasheet HTML 6Page - Burr-Brown (TI) PCM1732 Datasheet HTML 7Page - Burr-Brown (TI) PCM1732 Datasheet HTML 8Page - Burr-Brown (TI) PCM1732 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
®
4
PCM1732
PIN
NAME
I/O
DESCRIPTION
1
LRCIN
IN
Left and Right Clock Input. This clock is equal to
the sampling rate, fS.(1)
2
DIN
IN
Serial Audio Data Input(1)
3
BCKIN
IN
Bit Clock Input for Serial Audio Data(1)
4
CLKO
OUT
Buffered System Clock Output.
5
XTI
IN
Oscillator Input/External Clock Input(2)
6
XTO
OUT
Oscillator Output
7
DGND
Digital Ground
8VDD
Digital Power +5V
9
HDCD
OUT
HDCD Encoded Data Detect
10
VCC2R
Analog Power +5V, Rch
11
AGND2R
Analog Ground, Rch
12
EXTR
Common Mode Voltage for Analog Output Amp,
Rch
13
VOUTR
OUT
Analog Voltage Output, Rch
14
AGND1
Analog Ground
15
VCC1
Analog Power +5V
16
VOUTL
OUT
Analog Voltage Output, Lch
17
EXTL
Common Mode Voltage for Analog Output Amp,
Lch
18
AGND2L
OUT
Analog Ground, Lch
19
VCC2L
Analog Power +5V, Lch
20
GAIN
OUT
External (analog) Gain Scaling
21
ZERO
OUT
Zero Data Flag
22
RST
IN
Reset. When this pin is LOW, the digital filter
and modulators are held in reset.(3)
23
CS/IW0
IN
Chip Select/Input Format Selection. When this
pin is LOW, the Mode Control interface is en-
abled.(4)
24
MODE
IN
Mode Control Select: H = Software; L =
Hardware(3)
25
MUTE
IN
Mute Control(3)
26
MD/FSS
IN
Mode Data/Sampling Rate Range Select(3)
27
MC/DEM
IN
Mode Clock/De-Emphasis Select(3)
28
ML/I2S
IN
Mode Latch/Input Format Select(3)
NOTES: (1) Schmitt Trigger input. (2) CMOS logic level input. (3) Schmitt
Trigger input with pull-up resister. (4) Schmitt Trigger input with pull-down
resistor.
PIN ASSIGNMENTS
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Power Supply Voltage ...................................................................... +6.5V
+VCC to +VDD Difference ................................................................... ±0.1V
Input Logic Voltage .................................................. –0.3V to (VDD + 0.3V)
Input Current (except power supply) ...............................................
±10mA
Power Dissipation .......................................................................... 750mW
Operating Temperature Range ......................................... –25
°C to +70°C
Storage Temperature ...................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
(reflow, 10s) .................................................... +235
°C
ABSOLUTE MAXIMUM RATINGS
LRCIN
DIN
BCKIN
CLKO
XTI
XTO
DGND
V
DD
HDCD
V
CC2R
AGND2R
EXTR
V
OUTR
AGND1
ML/I2S
MC/DEM
MD/FSS
MUTE
MODE
CS/IWO
RST
ZERO
GAIN
V
CC2L
AGND2L
EXTL
V
OUTL
V
CC1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM1732U
Top View
SO-28
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
PCM1732U
SO-28
217
–25
°C to +70°C
PCM1732U
PCM1732U
Rails
""
"
"
"
PCM1732U/1K
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces of “PCM1732U/1K” will get a single
1000-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION


Similar Part No. - PCM1732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1730E TI-PCM1730E Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1730E/2K TI-PCM1730E/2K Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1733 BURR-BROWN-PCM1733 Datasheet
129Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 18 Bits, 96kHz Sampling
logo
Texas Instruments
PCM1733 TI1-PCM1733 Datasheet
119Kb / 12P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1732

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
[Old version datasheet]   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
[Old version datasheet]   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DF1704 BURR-BROWN-DF1704 Datasheet
222Kb / 16P
   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PCM1733 BURR-BROWN-PCM1733 Datasheet
129Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 18 Bits, 96kHz Sampling
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com