Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0007A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TS0007A
Description  SMD 5.0x7.0 Remote Control SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Homepage  http://www.taisaw.com
Logo 

TS0007A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 5.0x7.0 Remote Control TX Module
MODEL NO.: TS0007A
REV. NO.: 1.0
Description and Applications:
Part will serve as TX module for Remote Control.
Conditions:
Limits
Parameter
Symbol
min.
typ.
max.
Units
Supply Voltage
Vcc
-
12
-
V
Load Impedance
-
-
50
-
Ohm
Temperature Range
-
-40
25
85
Electrical Specifications:
For different applications, the specification change is possible. Please contact TST sales
representative or application engineer for your requirement.
Limits
Parameter
Condition
min.
typ.
max.
Units
Current Consumption
23+-3
deg.C
Vcc=12 VDC,
DATA=5V
-
-
13.5
mA
TX Frequency
23+-3
-
-
433.92
-
MHz
Frequency Tolerance
23+-3
deg.C
+/-250
KHz
Output Power
23+-3
deg.C
Vcc=12 VDC,
DATA=5V
7
10
-
dBm
DATA Rate
23+-3
deg.C
-
-
1
3
KHz
MODULATION
23+-3
deg.C
DATA=5 VDC or 0
VDC
-
ASK
-
-


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn