Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS0005A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TS0005A
Description  SMD 5.0x7.0 LVPECL SAW OSCILLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Homepage  http://www.taisaw.com
Logo 

TS0005A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 5.0x7.0 LVPECL SAW OSCILLATOR
MODEL NO.: TS0005A
REV. NO.: 3
Conditions:
Limits
Parameter
Symbol
min.
typ.
max.
Units
Supply Voltage
Vcc
3.0
3.3
3.63
V
Load Impedance
-
-
50
-
Ohm
Temperature Range
-
0
-
75
Electrical Specifications:
For different applications, the specification change is possible. Please contact TST sales
representative or application engineer for your requirement.
Limits
Parameter
Condition
min.
typ.
max.
Units
Nominal Frequency
-
-
212.5
-
MHz
Current Consumption
Both output
loaded
-
-
100
mA
Frequency tolerance
-
-125
-
125
ppm
Output clock duty cycle
-
45
50
55
%
PECL Output HIGH Level
LOAD=50 ohm
to
Vdd –2.0 V
Vdd –1.025
-
Vdd –0.880
V
PECL Output LOW Level
LOAD=50 ohm
to
Vdd –2.0 V
Vdd –1.810
-
Vdd –1.620
V
PECL Rise time
80%/20% -PECL
-
-
0.4
ns
PECL Fall time
80%/20% -PECL
-
-
0.4
ns
Oscillation Start Up time
Time at min.
supply voltage to
be 0 sec.
-
-
10
msec.
Random Jitter
-
-
3
-
ps.
RMS of total distribution
jitter
-
-
3
-
ps.
Peak to peak jitter
-
-
25
-
ps.
Accumulated Jitter
N=2~50000
cycles
-
4
-
psec.
Phase Jitter
Integration of
Phase noise
Offset 12KHz~20
MHz
-
-
1
ps
Frequency Aging
25 deg.C 1st
year.
-
-
+-10
ppm/yr


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn