Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1718 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1718
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1718 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button PCM1718 Datasheet HTML 3Page - Burr-Brown (TI) PCM1718 Datasheet HTML 4Page - Burr-Brown (TI) PCM1718 Datasheet HTML 5Page - Burr-Brown (TI) PCM1718 Datasheet HTML 6Page - Burr-Brown (TI) PCM1718 Datasheet HTML 7Page - Burr-Brown (TI) PCM1718 Datasheet HTML 8Page - Burr-Brown (TI) PCM1718 Datasheet HTML 9Page - Burr-Brown (TI) PCM1718 Datasheet HTML 10Page - Burr-Brown (TI) PCM1718 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
®
8
PCM1718E
1024 system (= XTI) clocks
Reset
Reset Removal
2.6V
2.2V
1.8V
V
CC/VDD
Internal Reset
XTI Clock
FIGURE 6. Internal Power-On Reset Timing.
FIGURE 7. RSTB-Pin Reset Timing.
Reset
PCM1718 has both internal power on reset circuit and the
RSTB-pin (pin 15) which accepts external forced reset by
RSTB = LOW. For internal power on reset, initialize (reset)
is done automatically at power on VDD >2.2V (typ). During
internal reset = LOW, the output of the DAC is invalid and
the analog outputs are forced to VCC/2. Figure 6 illustrates
the timing of internal power on reset.
For the RSTB-pin, PSTB-pin accepts external forced reset by
RSTB = L. During RSTB = L, the output of the DAC is
invalid and the analog outputs are forced to VCC/2 after
internal initialize (1024 system clocks count after RSTB = H.)
Figure 7 illustrates the timing of RSTB-pin reset.
FIGURE 8. Typical Connection Diagram of PCM1718.
1
20
4
5
6
14
18
17
16
15
XTI
XTO
LRCIN
DIN
BCKIN
FORMAT
MUTE
DM1
DM0
RSTB
CLKO
V
OUTR
D/C_R
D/C_L
V
OUTL
ZERO
19
9
8
13
12
7
Format Control
Reset
PCM
Audio Data
Processor
To External Mute Circuit
10µF
V
DD
4.7k
+
FOUT = Inverted XTI (1 pin)
to Other System
+5V or +3 Analog Power Supply
Post
Low Pass
Filter
Post
Low Pass
Filter
10µF
+
0.1µF ~ 10µF
Bypass Capacitor
23
DGND
V
DD
10
11
AGND
V
CC
0.1µF ~ 10µF
Bypass Capacitor
10pF ~ 22pF
10pF ~ 22pF
(optional)
(optional)
1024 system (XTI) clocks
Reset
Reset Removal
XTI Clock
Internal Reset
RSTB-pin
50% of V
DD
t
RST
(1)
NOTE: (1) t
RST = 20ns min


Similar Part No. - PCM1718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1718E TI1-PCM1718E Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718EG4 TI1-PCM1718EG4 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1718

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com